Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS202EIDWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TRS202EIDWR
Description  5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS202EIDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRS202EIDWR Datasheet HTML 2Page - Texas Instruments TRS202EIDWR Datasheet HTML 3Page - Texas Instruments TRS202EIDWR Datasheet HTML 4Page - Texas Instruments TRS202EIDWR Datasheet HTML 5Page - Texas Instruments TRS202EIDWR Datasheet HTML 6Page - Texas Instruments TRS202EIDWR Datasheet HTML 7Page - Texas Instruments TRS202EIDWR Datasheet HTML 8Page - Texas Instruments TRS202EIDWR Datasheet HTML 9Page - Texas Instruments TRS202EIDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
50 W
TESTCIRCUIT
VOLTAGEWAVEFORMS
0V
3V
Output
Input
V
OL
V
OH
t
TLH(D)
Generator
(seeNoteB)
R
L
RS-232
Output
t
THL (D)
C
L
(seeNote A)
NOTES: A.C includesprobeandjigcapacitance.
L
B. Thepulsegeneratorhasthefollowingcharacteristics:PRR=120kbit/s,Z =50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
1.5V
1.5V
3V
–3V
3V
–3V
SR(t )=
f
6V
t
ort
THL(D
TLH(D)
)
TESTCIRCUIT
VOLTAGEWAVEFORMS
0V
3V
Output
Input
V
OL
V
OH
t
PLH(D)
t
PHL (D)
50%
50%
NOTES: A.C includesprobeandjigcapacitance.
L
B. Thepulsegeneratorhasthefollowingcharacteristics:PRR=120kbit/s,Z =50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
1.5V
1.5V
50 W
Generator
(seeNoteB)
R
L
RS-232
Output
C
L
(seeNote A)
TESTCIRCUIT
VOLTAGEWAVEFORMS
50 W
50%
50%
-3V
3V
1.5V
1.5V
Output
Input
V
OL
V
OH
t
PHL (R)
Generator
(seeNoteB)
t
PLH(R)
Output
C
L
(seeNote A)
NOTES: A.C includesprobeandjigcapacitance.
L
B. Thepulsegeneratorhasthefollowingcharacteristics:Z =50
,50%dutycycle,t
10ns,t
10ns.
O
r
f
W
£
£
TRS202E
SLLS847C – JULY 2007 – REVISED MAY 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 1. Driver Slew Rate
Figure 2. Driver Pulse Skew
Figure 3. Receiver Propagation Delay Times
6
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): TRS202E


Similar Part No. - TRS202EIDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202EIDWR TI-TRS202EIDWR Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202EIDWRG4 TI-TRS202EIDWRG4 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS202EIDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS208 TI-TRS208 Datasheet
456Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX222 TI-MAX222 Datasheet
346Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH -15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com