Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3232ECD Datasheet(PDF) 9 Page - Texas Instruments

Part # TRS3232ECD
Description  3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3232ECD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRS3232ECD Datasheet HTML 5Page - Texas Instruments TRS3232ECD Datasheet HTML 6Page - Texas Instruments TRS3232ECD Datasheet HTML 7Page - Texas Instruments TRS3232ECD Datasheet HTML 8Page - Texas Instruments TRS3232ECD Datasheet HTML 9Page - Texas Instruments TRS3232ECD Datasheet HTML 10Page - Texas Instruments TRS3232ECD Datasheet HTML 11Page - Texas Instruments TRS3232ECD Datasheet HTML 12Page - Texas Instruments TRS3232ECD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TRS3232EIDWG4
ACTIVE
SOIC
DW
16
40
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3232EIDWR
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3232EIDWRG4
ACTIVE
SOIC
DW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3232EIPW
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3232EIPWG4
ACTIVE
TSSOP
PW
16
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3232EIPWR
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
TRS3232EIPWRG4
ACTIVE
TSSOP
PW
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
27-Jan-2009
Addendum-Page 2


Similar Part No. - TRS3232ECD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3232ECD TI-TRS3232ECD Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDBR TI-TRS3232ECDBR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDR TI-TRS3232ECDR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDW TI-TRS3232ECDW Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
TRS3232ECDWR TI-TRS3232ECDWR Datasheet
1Mb / 28P
[Old version datasheet]   TRS3232E 3-V to 5.5-V Multichannel RS-232 Line Driver and Receiver With 짹15-kV IEC ESD Protection
More results

Similar Description - TRS3232ECD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E_101 TI-MAX3232E_101 Datasheet
531Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_07 Datasheet
352Kb / 18P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E_09 Datasheet
742Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3243E TI-MAX3243E Datasheet
652Kb / 24P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E-Q1 TI1-TRS3232E-Q1 Datasheet
204Kb / 11P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com