Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS208IDWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRS208IDWR
Description  5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS208IDWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRS208IDWR Datasheet HTML 3Page - Texas Instruments TRS208IDWR Datasheet HTML 4Page - Texas Instruments TRS208IDWR Datasheet HTML 5Page - Texas Instruments TRS208IDWR Datasheet HTML 6Page - Texas Instruments TRS208IDWR Datasheet HTML 7Page - Texas Instruments TRS208IDWR Datasheet HTML 8Page - Texas Instruments TRS208IDWR Datasheet HTML 9Page - Texas Instruments TRS208IDWR Datasheet HTML 10Page - Texas Instruments TRS208IDWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.ti.com
APPLICATION INFORMATION
DOUT2
1
+
400kW
5V
18
DIN2
400kW
5V
19
400kW
5V
21
DOUT4
20
5kW
23
ROUT3
22
RIN3
24
DOUT3
5kW
16
ROUT4
17
RIN4
15
+
0.1
F
m
16V
14
13
+
0.1
F
m
16V
C2–
C2+
DOUT1
2
400kW
5V
DIN1
5
ROUT1
6
RIN2
3
5kW
ROUT2
4
0.1
F
m
6.3V
V+
+
0.1
F
m
6.3V
12
11
10
9
V
CC
+
0.1
F
m
RIN1
7
GND
8
DIN3
DIN4
C1+
C1–
V–
5kW
NOTES: A.Resistorvaluesshownarenominal.
B.Non-polarizedceramiccapacitorsareacceptable.Ifpolarizedtantalumorelectrolyticcapacitorsareused,theyshouldbe
connectedasshown.
TRS208
5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV ESD PROTECTION
SLLS810 – JULY 2007
Figure 4. Typical Operating Circuit and Capacitor Values
7
Submit Documentation Feedback


Similar Part No. - TRS208IDWR

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
TRS2001EN-0065-C ATGBICS-TRS2001EN-0065-C Datasheet
375Kb / 10P
   TRS2001EN-0065 Opnext Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
logo
Texas Instruments
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202CD TI-TRS202CD Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202CDG4 TI-TRS202CDG4 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202CDR TI-TRS202CDR Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results

Similar Description - TRS208IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS213 TI-TRS213 Datasheet
415Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS207 TI-TRS207 Datasheet
405Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS211 TI-TRS211 Datasheet
244Kb / 17P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX213 TI-MAX213 Datasheet
224Kb / 14P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX211 TI-MAX211 Datasheet
294Kb / 16P
[Old version datasheet]   5-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH -15-KV ESD PROTECTION
TRS202E TI-TRS202E Datasheet
464Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202 TI-TRS202 Datasheet
638Kb / 17P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
MAX202 TI-MAX202_07 Datasheet
382Kb / 14P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS202E TI-TRS202E_10 Datasheet
570Kb / 19P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
TRS222 TI-TRS222 Datasheet
382Kb / 15P
[Old version datasheet]   5-V DUAL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com