Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3227E Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3227E
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3227E Datasheet(HTML) 10 Page - Texas Instruments

Back Button TRS3227E Datasheet HTML 6Page - Texas Instruments TRS3227E Datasheet HTML 7Page - Texas Instruments TRS3227E Datasheet HTML 8Page - Texas Instruments TRS3227E Datasheet HTML 9Page - Texas Instruments TRS3227E Datasheet HTML 10Page - Texas Instruments TRS3227E Datasheet HTML 11Page - Texas Instruments TRS3227E Datasheet HTML 12Page - Texas Instruments TRS3227E Datasheet HTML 13Page - Texas Instruments TRS3227E Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.ti.com
APPLICATION INFORMATION
CBYPASS = 0.1 µF
Auto-
Powerdown
Plus
VCC
C1
C2, C3, and C4
3.3 V
± 0.3 V
5 V
± 0.5 V
3 V to 5.5 V
0.1
µF
0.047
µF
0.1
µF
0.1
µF
0.33
µF
0.47
µF
VCC vs CAPACITOR VALUES
FORCEOFF
+
+
+
+
+
1
8
2
3
5
6
7
4
16
13
12
11
10
9
15
14
VCC
GND
C1+
V+
C2+
C1−
C2−
V−
DOUT
FORCEON
DIN
INVALID
ROUT
READY
RIN
C1
C2
C4
5 k
C3
C3 can be connected to VCC or GND.
NOTES: A. Resistor values shown are nominal.
B. Nonpolarized ceramic capacitors are acceptable. If polarized tantalum or electrolytic capacitors are used, they should be
connected as shown.
TRS3227E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS795 – JUNE 2007
Figure 5. Typical Operating Circuit and Capacitor Values
10
Submit Documentation Feedback


Similar Part No. - TRS3227E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3227 TI-TRS3227 Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
587Kb / 20P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
TRS3227 TI-TRS3227 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227 TI-TRS3227 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3227E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com