Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRS3227E Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TRS3227E
Description  3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRS3227E Datasheet(HTML) 5 Page - Texas Instruments

  TRS3227E Datasheet HTML 1Page - Texas Instruments TRS3227E Datasheet HTML 2Page - Texas Instruments TRS3227E Datasheet HTML 3Page - Texas Instruments TRS3227E Datasheet HTML 4Page - Texas Instruments TRS3227E Datasheet HTML 5Page - Texas Instruments TRS3227E Datasheet HTML 6Page - Texas Instruments TRS3227E Datasheet HTML 7Page - Texas Instruments TRS3227E Datasheet HTML 8Page - Texas Instruments TRS3227E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
DRIVER SECTION
Switching Characteristics
(1)
ESD Protection
TRS3227E
3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
WITH
±15-kV IEC ESD PROTECTION
SLLS795 – JUNE 2007
abc
Electrical Characteristics
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Figure 1 and Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP(2) MAX
UNIT
VOH
High-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = GND
5
5.4
V
VOL
Low-level output voltage
DOUT at RL = 3 kΩ to GND,
DIN = VCC
–5
–5.4
V
IIH
High-level input current
VI = VCC
±0.01
±1
μA
IIL
Low-level input current
VI at GND
±0.01
±1
μA
VCC = 3.6 V,
VO = 0 V
±35
±60
IOS
Short-circuit output current(3)
mA
VCC = 5.5 V,
VO = 0 V
±35
±60
ro
Output resistance
VCC, V+, and V– = 0 V,
VO = ±2 V
300
10M
Ioff
Output leakage current
FORCEOFF = GND,
VO = ±12 V,
VCC = 0 to 5.5 V
±25
μA
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Short-circuit durations should be controlled to prevent exceeding the device absolute power dissipation ratings, and not more than one
output should be shorted at a time.
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
(see Figure 1 and Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
CL = 1000 pF,
RL = 3 kΩ,
250
One DIN switching,
See Figure 1
CL = 1000 pF,
RL = 3 kΩ,
One DIN switching,
Maximum data rate
1000
kbit/s
VCC = 4.5 V,
See Figure 1
CL = 250 pF,
RL = 3 kΩ,
One DIN switching,
1000
VCC = 3 V,
See Figure 1
tsk(p)
Pulse skew(3)
CL = 150 pF to 2500 pF,
RL = 3 kΩ to 7 kΩ, See Figure 2
25
ns
Slew rate,
VCC = 3.3 V,
RL = 3 kΩ to 7 kΩ,
SR(tr)
24
150
V/
μs
transition region
CL = 150 pF to 1000 pF,
See Figure 1
(1)
Test conditions are C1–C4 = 0.1
μF at VCC = 3.3 V ± 0.3 V; C1 = 0.047 μF, C2–C4 = 0.33 μF at VCC = 5 V ± 0.5 V.
(2)
All typical values are at VCC = 3.3 V or VCC = 5 V, and TA = 25°C.
(3)
Pulse skew is defined as |tPLH – tPHL| of each channel of the same device.
TERMINAL
TEST CONDITIONS
TYP
UNIT
NAME
NO.
Human-Body Model
±15
DOUT
13
Contact Discharge (IEC61000-4-2)
±8
kV
Air-Gap Discharge (IEC61000-4-2)
±15
5
Submit Documentation Feedback


Similar Part No. - TRS3227E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3227 TI-TRS3227 Datasheet
499Kb / 17P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
587Kb / 20P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER
TRS3227 TI-TRS3227 Datasheet
893Kb / 21P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3227 TI-TRS3227 Datasheet
1Mb / 22P
[Old version datasheet]   3-V TO 5.5-V TWO-CHANNEL RS-232 1-Mbit/s LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Similar Description - TRS3227E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRS3221E TI-TRS3221E_V01 Datasheet
883Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E_1 Datasheet
376Kb / 17P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3221E TI-TRS3221E Datasheet
344Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3227E TI-MAX3227E Datasheet
164Kb / 13P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
MAX3232E TI-MAX3232E_10 Datasheet
425Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E Datasheet
630Kb / 27P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3232E TI-TRS3232E Datasheet
444Kb / 16P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_10 Datasheet
740Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com