Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB107 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # DB107
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DB107 Datasheet(HTML) 1 Page - Rectron Semiconductor

  DB107 Datasheet HTML 1Page - Rectron Semiconductor DB107 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Good for automation insertion
* Surge overload rating - 50 amperes peak
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Polarity symbols molded on body
* Mounting position: Any
* Weight: 1.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DB101
THRU
DB107
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
DB-1
1998-8
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
1.0
50
-65 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TA = 40
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
Volts
Amps
DB101
DB103
DB104
DB102
DB105
DB106
DB107
50
200
400
100
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Element at 1.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 125
oC
10.0
Maximum Forward Voltage Drop per Bridge
DB101
DB103
DB104
DB102
DB105
DB106
DB107
.255 (6.5)
.300 (7.6)
.350 (8.9)
.245 (6.2)
.335 (8.51)
.320 (8.12)
.195 (5.0)
.205 (5.2)
(0.5)
(1.5)
.020
.060
.135 (3.4)
.115 (2.9)
.165 (4.2)
.155 (3.9)
FEATURES
* Epoxy : UL flammability classification 94V-0
*
UL listed under the recognized component directory, file #E94233.


Similar Part No. - DB107

ManufacturerPart #DatasheetDescription
logo
Bytes
DB107 BYTES-DB107 Datasheet
147Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
DB107 ETC2-DB107 Datasheet
172Kb / 3P
   Glass Passivated Single Phase Bridge Rectifiers
logo
Leshan Radio Company
DB107 LRC-DB107 Datasheet
140Kb / 4P
   Bridge rectifiers
logo
Shanghai Shunye Electro...
DB107 SHUNYE-DB107 Datasheet
177Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shanghai Leiditech Elec...
DB107 LEIDITECH-DB107 Datasheet
788Kb / 3P
   Bridge rectifiers
More results

Similar Description - DB107

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB151 SEMTECH_ELEC-DB151 Datasheet
336Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBJ6J GENESIC-GBJ6J_18 Datasheet
1Mb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com