Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54260DGQ Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54260DGQ
Description  3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54260DGQ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54260DGQ Datasheet HTML 3Page - Texas Instruments TPS54260DGQ Datasheet HTML 4Page - Texas Instruments TPS54260DGQ Datasheet HTML 5Page - Texas Instruments TPS54260DGQ Datasheet HTML 6Page - Texas Instruments TPS54260DGQ Datasheet HTML 7Page - Texas Instruments TPS54260DGQ Datasheet HTML 8Page - Texas Instruments TPS54260DGQ Datasheet HTML 9Page - Texas Instruments TPS54260DGQ Datasheet HTML 10Page - Texas Instruments TPS54260DGQ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
0.784
0.792
0.800
0.808
0.816
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V =12V
I
0
125
250
375
500
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
BOOT-PH=3V
BOOT-PH=6V
V =12V
I
550
570
580
590
600
610
-50
-25
0
25
50
75
100
125
150
560
T -JunctionTemperature-°C
J
V =12V,
RT =200k
I
W
5.0
5.5
6.0
7.0
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
6.5
V =12V
I
0
500
1000
1500
2000
2500
0
25
50
75
100
125
150
175
200
RT/CLK-Resistance-kW
V =12V,
T =25°C
I
J
0
100
200
300
400
500
200
300
400
500
600
700
800
900
1000
1100
RT/CLK-Resistance-kW
1200
V =12V,
T =25°C
I
J
TPS54260
www.ti.com
SLVSA86 – MARCH 2010
TYPICAL CHARACTERISTICS
ON RESISTANCE vs JUNCTION TEMPERATURE
VOLTAGE REFERENCE vs JUNCTION TEMPERATURE
Figure 1.
Figure 2.
SWITCH CURRENT LIMIT vs JUNCTION TEMPERATURE
SWITCHING FREQUENCY vs JUNCTION TEMPERATURE
Figure 3.
Figure 4.
SWITCHING FREQUENCY vs RT/CLK RESISTANCE HIGH
SWITCHING FREQUENCY vs RT/CLK RESISTANCE LOW
FREQUENCY RANGE
FREQUENCY RANGE
Figure 5.
Figure 6.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS54260


Similar Part No. - TPS54260DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQ TI-TPS54260DGQ Datasheet
1Mb / 52P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE
TPS54260DGQR TI-TPS54260DGQR Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260DGQR TI-TPS54260DGQR Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
More results

Similar Description - TPS54260DGQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54260DRCR TI-TPS54260DRCR Datasheet
1Mb / 52P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE
TPS54260 TI-TPS54260 Datasheet
1Mb / 45P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54260 TI-TPS54260_1 Datasheet
1Mb / 47P
[Old version datasheet]   3.5V to 60V INPUT, 2.5A, STEP DOWN CONVERTER WITH ECO-MODE?
TPS54240 TI1-TPS54240_14 Datasheet
1Mb / 54P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240-Q1 TI1-TPS54240-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54240 TI-TPS54240 Datasheet
1Mb / 44P
[Old version datasheet]   3.5V to 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI-TPS54060A_15 Datasheet
2Mb / 52P
[Old version datasheet]   0.5A, 60V Step Down DC/DC Converter with Eco-mode?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060A TI1-TPS54060A Datasheet
2Mb / 50P
[Old version datasheet]   0.5A, 60V Step Down SWIFT??DC/DC Converter with ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com