Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA369AIDCKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369AIDCKT
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369AIDCKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA369AIDCKT Datasheet HTML 5Page - Texas Instruments OPA369AIDCKT Datasheet HTML 6Page - Texas Instruments OPA369AIDCKT Datasheet HTML 7Page - Texas Instruments OPA369AIDCKT Datasheet HTML 8Page - Texas Instruments OPA369AIDCKT Datasheet HTML 9Page - Texas Instruments OPA369AIDCKT Datasheet HTML 10Page - Texas Instruments OPA369AIDCKT Datasheet HTML 11Page - Texas Instruments OPA369AIDCKT Datasheet HTML 12Page - Texas Instruments OPA369AIDCKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
APPLICATION INFORMATION
PROTECTING INPUTS FROM
OPERATING VOLTAGE
5kW
OPA369
10mAmax
V
S
V
IN
V
OUT
I
OVERLOAD
Current-limitingresistor
requiredifinputvoltage
exceedssupplyrailsby
³ 0.5V.
INPUT COMMON-MODE VOLTAGE RANGE
OPA369
OPA2369
www.ti.com ............................................................................................................................................ SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008
The
OPA369
family
of
operational
amplifiers
The input common-mode voltage range of the
minimizes power consumption and operates on
OPA369 family typically extends to each supply rail.
supply voltages as low as 1.8V. Power-supply
CMRR is specified from the negative rail to the
rejection ratio (PSRR), common-mode rejection ratio
positive rail. See Figure 4, Normalized Offset Voltage
(CMRR), and open-loop gain (AOL) typical values are
vs Common-Mode Voltage.
in the range of 100dB or better.
When designing for ultralow power, choose system
OVER-VOLTAGE
components
carefully.
To
minimize
current
consumption,
select
large-value
resistors.
Any
Input currents are typically 10pA. However, large
resistors will react with stray capacitance in the circuit
inputs (greater than 500mV beyond the supply rails)
and the input capacitance of the operational amplifier.
can cause excessive current to flow in or out of the
These parasitic RC combinations can affect the
input pins. Therefore, in addition to keeping the input
stability of the overall system. A feedback capacitor
voltage between the supply rails, it is also important
may
be
required
to
assure
stability
and
limit
to limit the input current to less than 10mA. This
overshoot or gain peaking.
limiting is easily accomplished with an input resistor,
as shown in Figure 24.
Good layout practice mandates the use of a 0.1
µF
bypass capacitor placed closely across the supply
pins.
OPA369 series op amps are fully specified and tested
from +1.8V to +5.5V (±0.9V to ±2.75V). Parameters
that vary significantly with supply voltage are shown
in the Typical Characteristic curves.
Figure 24. Input Current Protection for Voltages
The OPA369 family is designed to eliminate the input
Exceeding the Supply Voltage
offset transition region typically present in most
rail-to-rail
complementary
stage
operational
amplifiers, which allows the OPA369 family of
amplifiers
to
provide
superior
common-mode
performance over the entire input range.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA369 OPA2369


Similar Part No. - OPA369AIDCKT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA369AIDCKT BURR-BROWN-OPA369AIDCKT Datasheet
665Kb / 20P
   1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA369AIDCKT TI-OPA369AIDCKT Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results

Similar Description - OPA369AIDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI-OPA369 Datasheet
820Kb / 19P
[Old version datasheet]   1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA369 BURR-BROWN-OPA369 Datasheet
665Kb / 20P
   1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com