Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3671LCX-1.3 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3671LCX-1.3
Description  2MHz, 600mA Step-Down DC-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3671LCX-1.3 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3671LCX-1.3 Datasheet HTML 1Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 2Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 3Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 4Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 5Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 6Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 7Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 8Page - National Semiconductor (TI) LM3671LCX-1.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
20108462
FIGURE 5. 6-Pin LLP Package Number LCA06B (2mm x 2mm x 0.6mm)
Pin Descriptions (SOT23-5)
Pin #
Name
Description
1
V
IN
Power supply input. Connect to the input filter capacitor (Figure 1).
2
GND
Ground pin.
3
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
4
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required (Figure 2). The
internal resistor dividers are disabled for the adjustable version.
5
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
Pin Descriptions (5-Bump Micro SMD)
Pin #
Name
Description
A1
V
IN
Power supply input. Connect to the input filter capacitor (Figure 1).
A3
GND
Ground pin.
C1
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
C3
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required (Figure 2). The
internal resistor dividers are disabled for the adjustable version.
B2
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
Pin Descriptions (6-Pin LLP)
Pin #
Name
Description
1
EN
Enable pin. The device is in shutdown mode when voltage to this pin is <0.4V and enabled
when >1.0V. Do not leave this pin floating.
2
Pgnd
Ground pin.
3
V
IN
Power supply input. Connect to the input filter capacitor ().
4
SW
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
5
Sgnd
Singnal ground (feedback ground).
6
FB
Feedback analog input. Connect directly to the output filter capacitor for fixed voltage
versions. For adjustable version external resistor dividers are required (Figure 2). The
internal resistor dividers are disabled for the adjustable version.
3
www.national.com


Similar Part No. - LM3671LCX-1.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3671LCX-1.3/NOPB TI1-LM3671LCX-1.3/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671LCX-1.3/NOPB TI1-LM3671LCX-1.3/NOPB Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671LCX-1.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-12 TI1-LM3671MF-12 Datasheet
6Mb / 38P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com