Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F128RHAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC2530F128RHAR
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F128RHAR Datasheet(HTML) 2 Page - Texas Instruments

  CC2530F128RHAR Datasheet HTML 1Page - Texas Instruments CC2530F128RHAR Datasheet HTML 2Page - Texas Instruments CC2530F128RHAR Datasheet HTML 3Page - Texas Instruments CC2530F128RHAR Datasheet HTML 4Page - Texas Instruments CC2530F128RHAR Datasheet HTML 5Page - Texas Instruments CC2530F128RHAR Datasheet HTML 6Page - Texas Instruments CC2530F128RHAR Datasheet HTML 7Page - Texas Instruments CC2530F128RHAR Datasheet HTML 8Page - Texas Instruments CC2530F128RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
DESCRIPTION
RESET
WATCHDOG
TIMER
IRQCTRL
FLASHWRITE
DEBUG
INTERFACE
CLOCKMUXand
CALIBRATION
MODULATOR
DEMODULATOR
DMA
8051CPU
CORE
MEMORY
ARBITRATOR
32-MHz
CRYSTAL OSC
32.768-kHz
CRYSTAL OSC
32-kHz
RC-OSC
HIGH-SPEED
RC-OSC
ON-CHIP VOLTAGE
REGULATOR
POWERONRESET
BROWNOUT
DIGITAL
ANALOG
MIXED
SLEEP TIMER
SLEEP MODECONTROLLER
CSMA/CA STROBE
PROCESSOR
RADIOREGISTERS
RADIODATA INTERFACE
USART 1
USART 2
TIMER1(16-Bit)
TIMER3(8-Bit)
TIMER4(8-Bit)
TIMER2
(IEEE802.15.4MAC TIMER)
32/64/128/256-KB
FLASH
8-KBSRAM
ADC
AUDIO/DC
8CHANNELS
RECEIVE
CHAIN
TRANSMIT
CHAIN
AES
ENCRYPTION
AND
DECRYPTION
AGC
VDD(2V–3.6V)
DCOUPL
RF_P
RF_N
XOSC_Q2
RESET_N
XOSC_Q1
P2_4
P1_7
P0_7
P2_3
P1_6
P0_6
P2_2
P1_5
P0_5
P1_2
P0_2
P2_1
P1_4
P0_4
P1_1
P0_1
P2_0
P1_3
P0_3
P1_0
P0_0
B0300-02
CC2530F32, CC2530F64, CC2530F128, CC2530F256
SWRS081A – APRIL 2009 – REVISED APRIL 2009 .......................................................................................................................................................... www.ti.com
The CC2530 is a true system-on-chip (SoC) solution for IEEE 802.15.4, Zigbee and RF4CE applications. It
enables robust network nodes to be built with very low total bill-of-material costs. The CC2530 combines the
excellent performance of a leading RF transceiver with an industry-standard enhanced 8051 MCU, in-system
programmable flash memory, 8-KB RAM, and many other powerful features. The CC2530 comes in four different
flash versions: CC2530F32/64/128/256, with 32/64/128/256 KB of flash memory, respectively. The CC2530 has
various operating modes, making it highly suited for systems where ultralow power consumption is required.
Short transition times between operating modes further ensure low energy consumption.
Combined with the industry-leading and golden-unit-status ZigBee protocol stack (Z-Stack™) from Texas
Instruments, the CC2530F256 provides a robust and complete ZigBee solution.
Combined with the golden-unit-status RemoTI stack from Texas Instruments, the CC2530F64 and higher provide
a robust and complete ZigBee RF4CE remote-control solution.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F128RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F128RHAR APLUS-CC2530F128RHAR Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F128RHAR TI-CC2530F128RHAR Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128RHAR TI-CC2530F128RHAR Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128RHAR TI-CC2530F128RHAR Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128RHAR TI1-CC2530F128RHAR Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F128RHAR

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com