Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2530F32 Datasheet(PDF) 3 Page - Texas Instruments

Part # CC2530F32
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2530F32 Datasheet(HTML) 3 Page - Texas Instruments

  CC2530F32_1 Datasheet HTML 1Page - Texas Instruments CC2530F32_1 Datasheet HTML 2Page - Texas Instruments CC2530F32_1 Datasheet HTML 3Page - Texas Instruments CC2530F32_1 Datasheet HTML 4Page - Texas Instruments CC2530F32_1 Datasheet HTML 5Page - Texas Instruments CC2530F32_1 Datasheet HTML 6Page - Texas Instruments CC2530F32_1 Datasheet HTML 7Page - Texas Instruments CC2530F32_1 Datasheet HTML 8Page - Texas Instruments CC2530F32_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
CC2530F32, CC2530F64, CC2530F128, CC2530F256
www.ti.com .......................................................................................................................................................... SWRS081A – APRIL 2009 – REVISED APRIL 2009
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
MIN
MAX
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3
3.9
V
–0.3
VDD + 0.3,
Voltage on any digital pin
V
≤ 3.9
Input RF level
10
dBm
Storage temperature range
–40
125
°C
All pads, according to human-body model, JEDEC STD 22, method
2
kV
A114
ESD(2)
According to charged-device model, JEDEC STD 22, method C101
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
CAUTION: ESD sensitive device. Precaution should be used when handling the device in order to prevent permanent damage.
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
125
°C
Operating supply voltage
2
3.6
V
Measured on Texas Instruments CC2530 EM reference design with TA = 25°C and VDD = 3 V, unless otherwise noted.
Boldface limits apply over the entire operating range, TA = –40°C to 125°C, VDD = 2 V to 3.6 V, and fc = 2394 MHz to
2507 MHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Digital regulator on. 16-MHz RCOSC running. No radio,
crystals, or peripherals active.
3.4
mA
Medium CPU activity: normal flash access(1), no RAM access
32-MHz XOSC running. No radio or peripherals active.
6.5
8.9
mA
Medium CPU activity: normal flash access(1), no RAM access
32-MHz XOSC running, radio in RX mode, –50-dBm input
20.5
mA
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in RX mode at -100-dBm input
24.3
29.6
mA
power (waiting for signal), no peripherals active, CPU idle
32-MHz XOSC running, radio in TX mode, 1-dBm output
28.7
mA
Icore
Core current consumption
power, no peripherals active, CPU idle
32-MHz XOSC running, radio in TX mode, 4.5-dBm output
33.5
39.6
mA
power, no peripherals active, CPU idle
Power mode 1. Digital regulator on; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, BOD
0.2
0.3
mA
and sleep timer active; RAM and register retention
Power mode 2. Digital regulator off; 16-MHz RCOSC and
32-MHz crystal oscillator off; 32.768-kHz XOSC, POR, and
1
2
µA
sleep timer active; RAM and register retention
Power mode 3. Digital regulator off; no clocks; POR active;
0.4
1
µA
RAM and register retention
(1)
Normal flash access means that the code used exceeds the cache storage, so cache misses happen frequently.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F32_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F32_1

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com