Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J107M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # C3225X5R0J107M
Description  3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

C3225X5R0J107M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  C3225X5R0J107M Datasheet HTML 1Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 2Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 3Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 4Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 5Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 6Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 7Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 8Page - National Semiconductor (TI) C3225X5R0J107M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics Specifications with standard typeface are for T
J = 25°C only; limits in bold face type
apply over the operating junction temperature range T
J of -40°C to 125°C. Minimum and maximum limits are guaranteed through
test, design, or statistical correlation. Typical values represent the most likely parametric norm at T
J = 25°C, and are provided for
reference purposes only. V
IN = VEN = 3.3V, unless otherwise indicated in the conditions column.
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 8)
Max
(Note 7)
Units
PERFORMANCE PARAMETERS
ΔV
OUT
Output Voltage Ripple
Refer to Table 3
V
OUT = 2.5V
Bandwidth Limit = 2 MHz
7
mV
pk-pk
ΔV
OUT
Output Voltage Ripple
Refer to Table 5
Bandwidth Limit = 20 MHz
5
mV
pk-pk
ΔV
FB / VFB
Feedback Voltage Line Regulation
ΔV
IN = 2.95V to 5.5V
I
OUT = 0A
0.04
%
ΔV
OUT / VOUT
Output Voltage Line Regulation
ΔV
IN = 2.95V to 5.5V
I
OUT = 0A, VOUT = 2.5V
0.04
%
ΔV
FB / VFB
Feedback Voltage Load Regulation
I
OUT = 0A to 3A
0.25
%
ΔV
OUT / VOUT
Output Voltage Load Regulation
I
OUT = 0A to 3A
V
OUT = 2.5V
0.25
%
Efficiency
η
Peak Efficiency (1A) V
IN = 5V
V
OUT = 3.3V
96.3
%
V
OUT = 2.5V
94.9
V
OUT = 1.8V
93.3
V
OUT = 1.5V
92.2
V
OUT = 1.2V
90.5
V
OUT = 0.8V
86.9
η
Peak Efficiency (1A) V
IN = 3.3V
V
OUT = 2.5V
95.7
%
V
OUT = 1.8V
94.0
V
OUT = 1.5V
92.9
V
OUT = 1.2V
91.3
V
OUT = 0.8V
87.9
η
Full Load Efficiency (3A) V
IN = 5V
V
OUT = 3.3V
94.8
%
V
OUT = 2.5V
93
V
OUT = 1.8V
90.8
V
OUT = 1.5V
89.3
V
OUT = 1.2V
87.1
V
OUT = 0.8V
82.3
η
Full Load Efficiency (3A) V
IN = 3.3V
V
OUT = 2.5V
92.4
%
V
OUT = 1.8V
89.8
V
OUT = 1.5V
88.2
V
OUT = 1.2V
85.9
V
OUT = 0.8V
80.8
Note 3:
θ
JA measured on a 2.25” x 2.25” (5.8 cm x 5.8 cm) four layer board, with one ounce copper, thirty six 10mil thermal vias, no air flow, and 1W power
dissipation. Refer to PCB Layout Diagrams or Evaluation Board Application Note: AN-2022.
Note 4: EN 55022:2006, +A1:2007, FCC Part 15 Subpart B: 2007. See Table 9 and layout for information on device under test.
Note 5: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the
device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
Note 6: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-AI14S.
Note 7: Min and Max limits are 100% production tested at an ambient temperature (T
A) of 25°C. Limits over the operating temperature range are guaranteed
through correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 8: Typical numbers are at 25°C and represent the most likely parametric norm.
5
www.national.com


Similar Part No. - C3225X5R0J107M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
C3225X5R0J107M AD-C3225X5R0J107M Datasheet
1,004Kb / 20P
   6.5 V, 4 A, High Efficiency
REV. 0
logo
Intersil Corporation
C3225X5R0J107M INTERSIL-C3225X5R0J107M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
C3225X5R0J107M INTERSIL-C3225X5R0J107M Datasheet
1Mb / 28P
   Dual 15A/Single 30A Step-Down Power Module
logo
Texas Instruments
C3225X5R0J107M TI-C3225X5R0J107M Datasheet
1Mb / 29P
[Old version datasheet]   TPSM41625 4-V to 16-V Input, 25-A DC/DC Power Module with Current Sharing
C3225X5R0J107M TI-C3225X5R0J107M Datasheet
1Mb / 28P
[Old version datasheet]   TPSM41615 4-V to 16-V Input, 15-A DC/DC Power Module with Current Sharing
More results

Similar Description - C3225X5R0J107M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ10503 TI-LMZ10503 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10503 3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10505_1006 NSC-LMZ10505_1006 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10505 NSC-LMZ10505 Datasheet
662Kb / 22P
   5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ12003 NSC-LMZ12003_1 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ10505TZ-ADJ TI1-LMZ10505TZ-ADJ Datasheet
1Mb / 28P
[Old version datasheet]   LMZ10505 5A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10500 NSC-LMZ10500 Datasheet
1Mb / 20P
   650mA SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
LMZ10501 NSC-LMZ10501 Datasheet
1Mb / 20P
   1A SIMPLE SWITCHER짰 Nano Module with 5.5V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com