Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26480SQ-BF Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM26480SQ-BF
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480SQ-BF Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM26480SQ-BF Datasheet HTML 1Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 2Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 3Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 4Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 5Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 6Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 7Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 8Page - National Semiconductor (TI) LM26480SQ-BF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Absolute Maximum Ratings (Note 1, Note
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VINLDO12, VIN1, AVDD, VIN2,
VINLDO1, VINLDO2, ENSW1,
FB1, FB2, ENSW2, ENLDO1,
ENLDO2, SYNC, FBL1, FBL2
−0.3V to +6V
GND to GND SLUG
±0.3V
Power Dissipation (P
D_MAX)
(T
A=85°C, TMAX=125°C )
(Note 5)
1.17W
Junction Temperature (T
J-MAX)
150°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature (Soldering)
260°C
ESD Ratings
Human Body Model (Note
4)
2 kV
Operating Ratings: Bucks (Note 1, Note
2, Note 7)
V
IN
2.8V to 5.5V
V
EN
0 to (V
IN + 0.3V)
Junction Temperature (T
J) Range
–40°C to +125°C
Ambient Temperature (T
A) Range
(Note 6)
−40°C to +85°C
Thermal Properties (Note 3, Note 5, Note 6)
Junction-to-Ambient Thermal
Resistance (
θ
JA) SQA024AG
34.1°C/W
General Electrical Characteristics (Note 1, Note 2, Note 7, Note 13, Note 16)
Unless otherwise noted, V
IN = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in
boldface type apply over the entire junction temperature range for operation, −40°C to +125°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
Q
VINLDO12 Shutdown Current
V
IN = 3.6V
0.5
µA
V
POR
Power-On Reset Threshold
V
DD Falling Edge(Note 16)
1.9
V
T
SD
Thermal Shutdown Threshold
(Note 13)
160
°C
T
SDH
Themal Shutdown Hysteresis
(Note 13)
20
°C
UVLO
Under Voltage Lock Out
Rising
2.9
V
Failing
2.7
V
Low Drop Out Regulators, LDO1 and LDO2
Unless otherwise noted, V
IN = 3.6V, CIN = 1.0 µF, COUT = 0.47 µF. Typical values and limits appearing in normal type apply for
T
J = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40°C to +125°C.
(Note 2, Note 7, Note 8, Note 9)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Operational Voltage Range
VINLDO1 and VINLDO2 PMOS
pins (Note 15)
1.74
5.5
V
V
FB
FB Voltage Accuracy
−3
3
%
ΔV
OUT
Line Regulation
V
IN = (VOUT + 0.3V) to 5.0V
(Note 12) Load Current = 1 mA
0.15
%/V
Load Regulation
V
IN = 3.6V,
Load Current = 1 mA to I
MAX
0.011
%/mA
I
SC
Short Circuit Current Limit
LDO1-2, V
OUT = 0V
500
mA
V
IN – VOUT
Dropout Voltage
Load Current = 50 mA
(Note 10)
25
200
mV
PSRR
Power Supply Ripple Rejection
F = 10 kHz, Load Current = I
MAX
45
dB
θn
Supply Output Noise
10 Hz < F < 100 kHz
150
µVrms
I
Q
Quiescent Current “On”
I
OUT = 0 mA
40
150
µA
Quiescent Current “On”
I
OUT = 300 mA
60
200
µA
Quiescent Current “Off”
EN is de-asserted
0.03
1
µA
T
ON
Turn On Time
Start up from shut-down
300
µsec
5
www.national.com


Similar Part No. - LM26480SQ-BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26480SQ-BF/NOPB TI1-LM26480SQ-BF/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM26480SQ-BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com