Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26480SQX-AA Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM26480SQX-AA
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480SQX-AA Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM26480SQX-AA Datasheet HTML 2Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 3Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 4Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 5Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 6Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 7Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 8Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 9Page - National Semiconductor (TI) LM26480SQX-AA Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Symbol
Parameter
Conditions
Min
Typ
Max
Units
C
OUT
Output Capacitor
Capacitance for stability
0°C
T
J 125°C
0.33
0.47
µF
−40°C
T
J 125°C
0.68
1.0
µF
ESR (Equivalent Series
Resistance)
5
500
m
Buck Converters SW1, SW2
Unless otherwise noted, V
IN = 3.6V, CIN = 10 µF, COUT = 10 µF, LOUT = 2.2 µH. Typical values and limits appearing in normal type
apply for T
J = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for operation, −40°C to
+125°C. ((Note 2, Note 7, Note 8, Note 9, Note 11, Note 14)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
FB (Note 14)
Feedback Voltage
−3
+3
%
V
OUT
Line Regulation
2.8 < V
IN < 5.5
I
O =10 mA
0.089
%/V
Load Regulation
100 mA < I
O < IMAX
0.0013
%/mA
Eff
Efficiency
Load Current = 250 mA
96
%
I
SHDN
Shutdown Supply Current
EN is de-asserted
0.01
1
µA
f
OSC
Internal Oscillator Frequency
2.0
2.4
MHz
I
PEAK
Buck1 Peak Switching Current Limit
2.0
2.4
A
Buck2 Peak Switching Current Limit
2.0
2.4
I
Q
Quiescent Current “On”
No load PFM Mode
33
µA
R
DSON (P)
Pin-Pin Resistance PFET
200
400
m
R
DSON (N)
Pin-Pin Resistance NFET
180
400
m
T
ON
Turn On Time
Start up from shut-down
500
µsec
C
IN
Input Capacitor
Capacitance for stability
10
µF
C
O
Output Capacitor
Capacitance for stability
10
µF
I/O Electrical Characteristics
Unless otherwise noted: Typical values and limits appearing in normal type apply for T
J = 25°C. Limits appearing in boldface
type apply over the entire junction temperature range for operation, T
J = 0°C to +125°C.
Symbol
Parameter
Conditions
Limit
Units
Min
Max
V
IL
Input Low Level
0.4
V
V
IH
Input High Level
0.7*VDD
V
Power On Reset Threshold/Function (POR)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
nPOR
nPOR = Power on reset for Buck1 and
Buck2
Default
60
msec
nPOR
Threshold
Percentage of Target voltage Buck1 or
Buck2
V
BUCK1 AND VBUCK2 rising
92
%
V
BUCK1 OR VBUCK2 falling
82
V
OL
Output Level Low
Load = I
OL = 500 µA
0.23
0.5
V
www.national.com
6


Similar Part No. - LM26480SQX-AA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480SQX-AA NSC-LM26480SQX-AA Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480SQX-AA/NOPB TI1-LM26480SQX-AA/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
More results

Similar Description - LM26480SQX-AA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com