Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3808G01DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G01DBVR
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G01DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3808G01DBVR Datasheet HTML 4Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 5Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 6Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 7Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 8Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 9Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 10Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 11Page - Texas Instruments TPS3808G01DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DEVICE OPERATION
SENSE INPUT
RESET OUTPUT
V
IN
TPS3808G01
V
DD
SENSE
GND
RESET
R
1
R
2
1nF
V
=(1+)0.405
IT
¢
R1
R2
V
OUT
MANUAL RESET (MR) INPUT
2.5V
T PS 380 8G 25
O M AP 1510
V
DD
SENSE
V
DDSHV 1, 3, 6, 7, 9
GND
GND
C
T
MR
RESET
1M
RESPWRON
TPS3808
SBVS050J – MAY 2004 – REVISED AUGUST 2008 .......................................................................................................................................................... www.ti.com
supply line can be used to allow the reset signal for
The TPS3808 microprocessor supervisory product
the microprocessor to have a voltage higher than VDD
family is designed to assert a RESET signal when
(up to 6.5V). The pull-up resistor should be no
either the SENSE pin voltage drops below VIT or the
smaller than 10k
Ω as a result of the finite impedance
manual reset (MR) is driven low. The RESET output
of the RESET line.
remains asserted for a user-adjustable time after both
the manual reset (MR) and SENSE voltages return
above the respective thresholds. A broad range of
voltage threshold and reset delay time adjustments
The SENSE input provides a terminal at which any
are available, allowing these devices to be used in a
system voltage can be monitored. If the voltage on
wide array of applications. Reset threshold voltages
this pin drops below VIT, then RESET is asserted.
can be factory-set from 0.82V to 3.3V or from 4.4V to
The comparator has a built-in hysteresis to ensure
5.0V, while the TPS3808G01 can be set to any
smooth RESET assertions and de-assertions. It is
voltage above 0.405V using an external resistor
good analog design practice to put a 1nF to 10nF
divider.
Two
preset
delay
times
are
also
bypass capacitor on the SENSE input to reduce
user-selectable: connecting the CT pin to VDD results
sensitivity to transients and layout parasitics.
in a 300ms reset delay, while leaving the CT pin open
The TPS3808G01 can be used to monitor any
yields a 20ms reset delay. In addition, connecting a
voltage rail down to 0.405V using the circuit shown in
capacitor between CT and GND allows the designer
Figure 11.
to select any reset delay period from 1.25ms to 10s.
A typical application of the TPS3808G25 used with
the OMAP1510 processor is shown in Figure 10. The
open-drain RESET output is typically connected to
the RESET input of a microprocessor. A pull-up
resistor must be used to hold this line high when
RESET is not asserted. The RESET output is
undefined for voltage below 0.8V, but this is normally
not a problem since most microprocessors do not
function below this voltage. RESET remains high
(unasserted) as long as SENSE is above its threshold
Figure 11. Using the TPS3808G01 to Monitor a
(VIT) and the manual reset (MR) is logic high. If either
User-Defined Threshold Voltage
SENSE falls below VIT or MR is driven low, RESET is
asserted, driving the RESET pin to a low impedance.
The manual reset (MR) input allows a processor or
other logic circuits to initiate a reset. A logic low
(0.3VDD) on MR causes RESET to assert. After MR
returns to a logic high and SENSE is above its reset
threshold, RESET is de-asserted after the user
defined reset delay expires. Note that MR is internally
tied to VDD using a 90kΩ resistor so this pin can be
left unconnected if MR will not be used.
See Figure 12 for how MR can be used to monitor
multiple system voltages. Note that if the logic signal
driving MR does not go fully to VDD, there will be
Figure 10. Typical Application of the TPS3808
with an OMAP Processor
some additional current draw into VDD as a result of
the internal pull-up resistor on MR. To minimize
current draw, a logic-level FET can be used as
Once MR is again logic high and SENSE is above VIT
illustrated in Figure 13.
+ VHYS (the threshold hysteresis), a delay circuit is
enabled which holds RESET low for a specified reset
delay period. Once the reset delay has expired, the
RESET pin goes to a high impedance state. The
pull-up resistor from the open-drain RESET to the
8
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): TPS3808


Similar Part No. - TPS3808G01DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G01DBVR TI-TPS3808G01DBVR Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVR TI-TPS3808G01DBVR Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVR TI-TPS3808G01DBVR Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVR TI-TPS3808G01DBVR Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01DBVR TI-TPS3808G01DBVR Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G01DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G125 TI-TPS3808G125 Datasheet
275Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com