Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM26480 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM26480
Description  Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM26480 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM26480 Datasheet HTML 3Page - National Semiconductor (TI) LM26480 Datasheet HTML 4Page - National Semiconductor (TI) LM26480 Datasheet HTML 5Page - National Semiconductor (TI) LM26480 Datasheet HTML 6Page - National Semiconductor (TI) LM26480 Datasheet HTML 7Page - National Semiconductor (TI) LM26480 Datasheet HTML 8Page - National Semiconductor (TI) LM26480 Datasheet HTML 9Page - National Semiconductor (TI) LM26480 Datasheet HTML 10Page - National Semiconductor (TI) LM26480 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation
of the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions,
see the Electrical Characteristics.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at T
J = 160°C (typ.) and disengages at TJ
= 140°C (typ.)
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MILSTD - 883 3015.7)
Note 5: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (T
A-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power
dissipation of the device in the application (P
D-MAX), and the junction-to-ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: T
A-MAX = TJ-MAX-OP − (θJA × PD-MAX). See Applications section.
Note 6: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design.
Note 7: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 8: C
IN, COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 9: The device maintains a stable, regulated output voltage without a load.
Note 10: Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its nominal value.
Note 11: Quiescent current is defined here as the difference in current between the input voltage source and the load at V
OUT.
Note 12: V
IN minimum for line regulation values is 1.8V.
Note 13: This specification is guaranteed by design.
Note 14: V
IN VOUT + RDSON(P) (IOUT + 1/2 IRIPPLE). If these conditions are not met, voltage regulation will degrade as load increases.
Note 15: Pins 24, 19 can operate from V
IN min of 1.74V to a VIN max of 5.5V. This rating is only for the series pass PMOS power FET. It allows the system design
to use a lower voltage rating if the input voltage comes from a buck output.
Note 16: VPOR is voltage at which the EPROM resets. This is different from the UVLO on VINLDO12, which is the voltage at which the regulators shut off; and
is also different from the nPOR function, which signals if the regulators are in a specified range.
7
www.national.com


Similar Part No. - LM26480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480 TI-LM26480 Datasheet
6Mb / 37P
[Old version datasheet]   Compatible with Advanced Applications Processors and FPGAs, 2 LDOs for Powering Internal Processor Functions and I/Os
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480QSQ-AA/NOPB TI1-LM26480QSQ-AA/NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480QSQ-AA/NOPB TI1-LM26480QSQ-AA/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
More results

Similar Description - LM26480

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26480 NSC-LM26480 Datasheet
2Mb / 30P
   Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
logo
Texas Instruments
LM26480 TI-LM26480_15 Datasheet
6Mb / 42P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LM26480SQ-AA_NOPB TI1-LM26480SQ-AA_NOPB Datasheet
6Mb / 37P
[Old version datasheet]   LM26480 Externally Programmable Dual High-Current Step-Down DC/DC and Dual Linear Regulators
LM26480-Q1 TI1-LM26480-Q1 Datasheet
6Mb / 39P
[Old version datasheet]   LM26480-Q1 Externally Programmable Dual High-Current Step-Down DC-DC and Dual Linear Regulators
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
LP3907-Q1 TI1-LP3907-Q1 Datasheet
3Mb / 53P
[Old version datasheet]   Dual High-Current Step-Down DC-DC And Dual Linear Regulator
LP8731-Q1 TI-LP8731-Q1_15 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP8731-Q1 TI1-LP8731-Q1 Datasheet
1Mb / 51P
[Old version datasheet]   LP8731-Q1 Dual High-Current Step-Down DC-DC And Dual Linear Regulators with I2C Interface
LP3906SQ-JXXI TI-LP3906SQ-JXXI Datasheet
3Mb / 47P
[Old version datasheet]   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C ompatible
logo
Intersil Corporation
LP3907 INTERSIL-LP3907 Datasheet
2Mb / 44P
   Dual High-Current Step-Down DC/DC and Dual Linear Regulator with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com