Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV341AIDCKTE4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV341AIDCKTE4
Description  LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV341AIDCKTE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV341AIDCKTE4 Datasheet HTML 7Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 8Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 9Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 10Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 11Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 12Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 13Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 14Page - Texas Instruments TLV341AIDCKTE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
TLV341, TLV342, TLV342S, TLV344
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
WITH SHUTDOWN
SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−0.2
0.8
1.8
2.8
OFFSET VOLTAGE
vs
COMMON-MODE VOLTAGE
VIC − Common-Mode Voltage − V
V+ = 2.7 V
Figure 9
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40
°C
25
°C
85
°C
125
°C
−0.2
0.8
1.8
2.8
3.8
4.8
5.8
OFFSET VOLTAGE
vs
COMMON-MODE VOLTAGE
VIC − Common-Mode Voltage − V
V+ = 5 V
Figure 10
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
−40
°C
25
°C
85
°C
125
°C
INPUT VOLTAGE
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
−3
−2
−1
0
1
2
3
V+ /GND = ±2.5 V
RL = 2 kΩ
RL = 10 kΩ
Figure 11
−300
−200
−100
0
100
200
300
INPUT VOLTAGE
vs
OUTPUT VOLTAGE
VO − Output Voltage − V
−1.5
−1
−0.5
0
0.5
1
1.5
V+ /GND = ±1.35 V
RL = 2 kΩ
RL = 10 kΩ
Figure 12
−300
−200
−100
0
100
200
300


Similar Part No. - TLV341AIDCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341AIDCKTE4 TI-TLV341AIDCKTE4 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDCKTE4 TI-TLV341AIDCKTE4 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341AIDCKTE4 TI-TLV341AIDCKTE4 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341AIDCKTE4 TI-TLV341AIDCKTE4 Datasheet
1,002Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIT OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341AIDCKTE4 TI-TLV341AIDCKTE4 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV341AIDCKTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV341_101 TI-TLV341_101 Datasheet
1Mb / 34P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341_07 Datasheet
719Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI-TLV341 Datasheet
685Kb / 24P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
National Semiconductor ...
LMV341 NSC-LMV341_14 Datasheet
1Mb / 35P
   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
logo
Texas Instruments
LMV341 TI-LMV341 Datasheet
871Kb / 27P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV341 TI1-TLV341_V01 Datasheet
2Mb / 40P
[Old version datasheet]   TLV34xx Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
REVISED APRIL 2016
TLV341 TI-TLV341_07 Datasheet
967Kb / 30P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFLERS WITH SHUTDOWN
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
National Semiconductor ...
LMV116 NSC-LMV116 Datasheet
416Kb / 13P
   Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com