Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR34 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # BR34
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

BR34 Datasheet(HTML) 1 Page - Rectron Semiconductor

  BR34 Datasheet HTML 1Page - Rectron Semiconductor BR34 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Surge overloab rating: 50 amperes peak
* Low forward voltage drop
* Small size: simple installation
* Silver-plated copper leads
* Mounting position: Any
* Mounting: Hole thru for # 6 screw
* Weight: 3.36 grams
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
BR305
THRU
BR310
BR-3
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
Dimensions in inches and (millimeters)
2001-5
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TSTG
VRMS
Volts
Volts
Volts
Amps
3.0
50
-55 to + 150
Amps
0 C
UNITS
T J
-55 to + 125
0 C
50
100
200
400
600
800
1000
70
35
140
280
420
700
560
BR305
BR31
BR32
BR34
BR36
BR38
BR310
Maximum Average Forward Rectified Output Current at Tc = 50
oC
Storage Temperature Range
50
100
200
400
600
800
1000
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.0
0.1
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 1.5A DC
Volts
@TA = 25
oC
@TC = 100
oC
10
BR305
BR31
BR32
BR34
BR36
BR38
BR310
.213 (5.4)
.193 (4.9)
.620 (15.7)
.445 (11.3)
.405 (10.3)
.620 (15.7)
.580 (14.7)
.580 (14.7)
.445 (11.3)
.405 (10.3)
.035 (0.9) DIA.
.028 (0.7) TYP.
(19.1)
.750
MIN.
AC
AC
HOLE FOR
NO.6 SCREW
MECHANICAL DATA


Similar Part No. - BR34

ManufacturerPart #DatasheetDescription
logo
Bytes
BR34 BYTES-BR34 Datasheet
145Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
BR34 PFS-BR34 Datasheet
231Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Dc Components
BR34 DCCOM-BR34 Datasheet
406Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Pan Jit International I...
BR34 PANJIT-BR34 Datasheet
104Kb / 3P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
BR34 FORMOSA-BR34 Datasheet
29Kb / 2P
   SINGLE PHASE 3.0 AMP BRIDGE RECTIFIERS
More results

Similar Description - BR34

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com