Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3111D1PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3111D1PWPR
Description  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPA3111D1PWPR Datasheet HTML 1Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 2Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 3Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 4Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 5Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 6Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 7Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 8Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
TPA3111D1
www.ti.com
SLOS618A – AUGUST 2009 – REVISED JULY 2010
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
Pin #
INN
11
I
Negative audio input. Biased at 3V.
INP
12
I
Positive audio input. Biased at 3V.
NC
13
Not connected
AVCC
14
P
Connect AVCC supply to this pin
PVCC
15
P
Power supply for H-bridge. PVCC pins are also connected internally.
PVCC
16
P
Power supply for H-bridge. PVCC pins are also connected internally.
BSP
17
I
Bootstrap I/O for positive high-side FET.
OUTP
18
O
Class-D H-bridge positive output.
PGND
19
Power ground for the H-bridges.
OUTP
20
O
Class-D H-bridge positive output.
BSP
21
I
Bootstrap I/O for positive high-side FET.
BSN
22
I
Bootstrap I/O for negative high-side FET.
OUTN
23
O
Class-D H-bridge negative output.
PGND
24
Power ground for the H-bridges.
OUTN
25
O
Class-D H-bridge negative output.
BSN
26
I
Bootstrap I/O for negative high-side FET.
PVCC
27
P
Power supply for H-bridge. PVCC pins are also connected internally.
PVCC
28
P
Power supply for H-bridge. PVCC pins are also connected internally.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPA3111D1


Similar Part No. - TPA3111D1PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1PWPR TI-TPA3111D1PWPR Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWPR TI-TPA3111D1PWPR Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWPR TI1-TPA3111D1PWPR Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

Similar Description - TPA3111D1PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com