Electronic Components Datasheet Search |
|
RQD-153.3 Datasheet(PDF) 3 Page - Recom International Power |
|
RQD-153.3 Datasheet(HTML) 3 Page - Recom International Power |
3 / 3 page www.recom-international.com 13 26-October-2005 Package Style and Pinning (mm) RQS & & RQD Series Bottom View Top View 2.54 x 3 12.75 5.35 1.65 7.30 12.10 11.10 9.00 7.90 8.15 7.40 5 2 4 1 0.55 2.54 1.20 RECOM RQS-xxxx xxxx 8 12.00 1.80 85 24 1 1.20 3rd angle projection XX.X ± 0.5 mm XX.XX ± 0.25 mm Bottom View 0.55 11.10 Top View 15.24 5.35 14.70 2.54x4 7.30 1.65 2.54 10 7 2 4 5 9.00 7.90 8.15 7.40 RECOM RQD-xxxx xxxx 1 12.00 1.80 10 7 24 15 1.20 1.20 Pin Connections Pin # Single 1 –Vin 2 +Vin 4 –Vout 5 +Vout 8NC NC = No Connection 8 PIN SMD Package 10 PIN SMD Package XX.X ± 0.5 mm XX.XX ± 0.25 mm Pin Connections Pin # Dual 1 –Vin 2 +Vin 4 Com 5 –Vout 7 +Vout 10 NC NC = No Connection Recommended Footprint Details Recommended Footprint Details |
Similar Part No. - RQD-153.3 |
|
Similar Description - RQD-153.3 |