Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC8520 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC8520
Description  2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC8520 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC8520 Datasheet HTML 3Page - Texas Instruments CC8520 Datasheet HTML 4Page - Texas Instruments CC8520 Datasheet HTML 5Page - Texas Instruments CC8520 Datasheet HTML 6Page - Texas Instruments CC8520 Datasheet HTML 7Page - Texas Instruments CC8520 Datasheet HTML 8Page - Texas Instruments CC8520 Datasheet HTML 9Page - Texas Instruments CC8520 Datasheet HTML 10Page - Texas Instruments CC8520 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CC8520
WWW.TI.COM
SWRS091A – MARCH 2010
7
Copyright
© 2010, Texas Instruments Incorporated
PIN
PIN NAME
PIN TYPE
DESCRIPTION
39
DCPL
Power (Digital)
1.7V-1.85 V linear voltage regulator output to which a 1 uF decoupling capacitor should be
attached. For test-purposes an external digital supply voltage (1.62-1.98 V) can be applied
here, bypassing the voltage regulator.
NOTE: The voltage regulator is intended for use with the CC8520 chip only. It cannot be
used to provide supply voltage to other devices.
40
DVDD
Power (Digital)
Digital power supply for the linear voltage regulator.
1
Digital I/O pad with 4 mA source/sink capability, programmable direction and pull-up, pull-down or high-impedance.
2
Digital I/O pad with 20 mA source/sink capability, programmable direction and pull-up, pull-down or high-impedance.
1
9
7
10
8
6
5
4
3
2
30
22
24
21
23
25
26
27
28
29
CC8520
xANTM
xANTP
CSN
SCLK
MOSI
MISO
GIO1
GIO2
GIO3
IOVDD
RBIAS
VBAT
AVDD
AVDD
AVDD
RF_N
RF_P
AVDD
X0
X1
Audio Device
2.0V-3.6V
Power Supply
Antenna
(50 Ohm)
C301
C302
L301
L302
L303
C303
C306
C305
Alternative:
CC2590 External LNA/PA
Antenna
(50 Ohm)
CC2590 +
Matching/
Filtering
C391
L304
Figure 2 - CC8520 Application Circuit


Similar Part No. - CC8520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
427Kb / 17P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520 Datasheet
654Kb / 18P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
CC8520RHAR TI-CC8520RHAR Datasheet
427Kb / 17P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520RHAR TI-CC8520RHAR Datasheet
654Kb / 18P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
CC8520RHAT TI-CC8520RHAT Datasheet
427Kb / 17P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
More results

Similar Description - CC8520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC8520 TI-CC8520 Datasheet
427Kb / 17P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING CC8520 - PurePath??Wireless
CC8520 TI-CC8520_11 Datasheet
654Kb / 18P
[Old version datasheet]   2.4 GHz RF SoC FOR WIRELESS DIGITAL AUDIO STREAMING
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
   Wireless External Antenna for 2.4 GHz Application
W1027 PULSE-W1027 Datasheet
213Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038M PULSE-W1038M Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
W1030 PULSE-W1030 Datasheet
1Mb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
   Wireless External Antenna for 2.4 GHz Applications
W1038X PULSE-W1038X Datasheet
936Kb / 10P
   Wireless External Antenna for 2.4 GHz Applications
logo
Linear Technology
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
   2.4 GHz 802.15.4 Wireless Mote
logo
Pulse A Technitrol Comp...
W1038 PULSE-W1038_17 Datasheet
660Kb / 8P
   Wireless External Antenna for 2.4 GHz Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com