Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBC114EPDP6T5G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NSBC114EPDP6T5G
Description  Dual Digital Transistors (BRT)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBC114EPDP6T5G Datasheet(HTML) 6 Page - ON Semiconductor

  NSBC114EPDP6T5G Datasheet HTML 1Page - ON Semiconductor NSBC114EPDP6T5G Datasheet HTML 2Page - ON Semiconductor NSBC114EPDP6T5G Datasheet HTML 3Page - ON Semiconductor NSBC114EPDP6T5G Datasheet HTML 4Page - ON Semiconductor NSBC114EPDP6T5G Datasheet HTML 5Page - ON Semiconductor NSBC114EPDP6T5G Datasheet HTML 6Page - ON Semiconductor NSBC114EPDP6T5G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NSBC114EPDP6T5G Series
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS − NSBC114EPDP6 PNP TRANSISTOR
0.01
0.10
1.0
0
5
10
15
20
25
30
35
40
45
50
Figure 6. VCE(sat) vs. IC
IC, COLLECTOR CURRENT (mA)
TA =25°C
TA = 150°C
TA = −55°C
IC/IB = 10
1.0
10
100
1000
0.1
1
10
100
VCE = 10 V
150°C
25°C
−55°C
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
5
10
15
20
25
30
35
40
45
50
Figure 8. Output Capacitance
REVERSE BIAS VOLTAGE (V)
0.01
0.1
1.0
10
100
01
23
45
150°C
25°C
−55°C
Figure 9. Output Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
0.1
1.0
10
0
5
10
15
20
25
30
35
40
45
50
Figure 10. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
25°C
−55°C
150°C


Similar Part No. - NSBC114EPDP6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EPDP6T5G ONSEMI-NSBC114EPDP6T5G Datasheet
99Kb / 10P
   Complementary Bias Resistor Transistors
May, 2014 ??Rev. 2
More results

Similar Description - NSBC114EPDP6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EDP6T5G ONSEMI-NSBC114EDP6T5G Datasheet
125Kb / 7P
   Dual Digital Transistors (BRT)
September, 2008 ??Rev. 2
NSBA114EDP6T5G ONSEMI-NSBA114EDP6T5G Datasheet
102Kb / 6P
   Dual Digital Transistors (BRT)
October, 2008 ??Rev. 5
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com