Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSBA143ZDP6T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSBA143ZDP6T5G
Description  Dual Digital Transistors (BRT)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSBA143ZDP6T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NSBA143ZDP6T5G Datasheet HTML 1Page - ON Semiconductor NSBA143ZDP6T5G Datasheet HTML 2Page - ON Semiconductor NSBA143ZDP6T5G Datasheet HTML 3Page - ON Semiconductor NSBA143ZDP6T5G Datasheet HTML 4Page - ON Semiconductor NSBA143ZDP6T5G Datasheet HTML 5Page - ON Semiconductor NSBA143ZDP6T5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSBA114EDP6T5G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector−Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter−Base Cutoff Current
NSBA114EDP6T5G
(VEB = 6.0 V, IC = 0)
NSBA124EDP6T5G
NSBA144EDP6T5G
NSBA114YDP6T5G
NSBA123TDP6T5G
NSBA114TDP6T5G
NSBA143EDP6T5G
NSBA115TDP6T5G
NSBA143ZDP6T5G
NSBA123JDP6T5G
NSBA144WDP6T5G
IEBO
0.5
0.2
0.1
0.2
4.0
0.9
1.5
0.1
0.18
0.2
0.13
mAdc
Collector−Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector−Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
NSBA114EDP6T5G
(VCE = 10 V, IC = 5.0 mA)
NSBA124EDP6T5G
NSBA144EDP6T5G
NSBA114YDP6T5G
NSBA115TDP6T5G/NSBA123TDP6T5G
NSBA143EDP6T5G
NSBA143ZDP6T5G
NSBA123JDP6T5G
NSBA144WDP6T5G
NSBA114TDP6T5G
hFE
35
60
80
80
160
15
80
80
80
160
60
100
140
140
350
27
140
140
140
250
Collector−Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA)
NSBA114EDP6T5G/NSBA124EDP6T5G/NSBA144EDP6T5G
NSBA114YDP6T5G/NSBA123TDP6T5G
NSBA123JDP6T5G/NSBA144EDP6T5G
(IC = 10 mA, IB = 1 mA)
NSBA143ZDP6T5G/NSBA143EDP6T5G/NSBA114TDP6T5G
(IC = 10 mA, IB = 5 mA)
NSBA115TPD6T5G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
NSBA114TDP6T5G
NSBA114EDP6T5G
NSBA124EDP6T5G
NSBA114YDP6T5G
NSBA123TDP6T5G
NSBA143EDP6T5G
NSBA143ZDP6T5G
NSBA123JDP6T5G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
NSBA144EDP6T5G
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kW)
NSBA144WDP6T5G
(VCC = 5.0 V, VB = 5.0 V, RL = 1.0 kW)
NSBA115TDP6T5G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
NSBA114EDP6T5G/NSBA124EDP6T5G/NSBA144EDP6T5G
NSBA114YDP6T5G/NSBA143ZDP6T5G/NSBA123JDP6T5G
NSBA144WDP6T5G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
NSBA123TDP6T5G/NSBA143EDP6T5G/
NSBA114TDP6T5G/NSBA115TDP6T5G
VOH
4.9
Vdc
4. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%


Similar Part No. - NSBA143ZDP6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBA143ZDP6 ONSEMI-NSBA143ZDP6 Datasheet
123Kb / 8P
   Dual PNP Bias Resistor Transistors
May, 2013 ??Rev. 1
More results

Similar Description - NSBA143ZDP6T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSBC114EDP6T5G ONSEMI-NSBC114EDP6T5G Datasheet
125Kb / 7P
   Dual Digital Transistors (BRT)
September, 2008 ??Rev. 2
NSBC114EPDP6T5G ONSEMI-NSBC114EPDP6T5G Datasheet
106Kb / 7P
   Dual Digital Transistors (BRT)
July, 2008 ??Rev. 1
MUN2213 ONSEMI-MUN2213_16 Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2211 ONSEMI-MUN2211_16 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
MUN2112 ONSEMI-MUN2112_16 Datasheet
182Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2214 ONSEMI-MUN2214_16 Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
MUN2135 ONSEMI-MUN2135_16 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2130 ONSEMI-MUN2130_16 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
MUN2131 ONSEMI-MUN2131_16 Datasheet
176Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2240 ONSEMI-MUN2240_16 Datasheet
134Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com