Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP0640SBMCT3G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NP0640SBMCT3G
Description  80A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP0640SBMCT3G Datasheet(HTML) 4 Page - ON Semiconductor

  NP0640SBMCT3G Datasheet HTML 1Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 2Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 3Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 4Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 5Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 6Page - ON Semiconductor NP0640SBMCT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NP−SBMC Series
http://onsemi.com
4
ELECTRICAL PARAMETER/RATINGS DEFINITIONS
Symbol
Parameter
VDRM
Repetitive Peak Off−state Voltage
V(BO)
Breakover Voltage
IDRM
Off−state Current
I(BO)
Breakover Current
IH
Holding Current
VT
On−state Voltage
IT
On−state Current
ITSM
Nonrepetitive Peak On−state Current
IPPS
Nonrepetitive Peak Impulse Current
VD
Off−state Voltage
ID
Off−state Current
Figure 1. Voltage Current Characteristics of TSPD
VT
IPPS
ITSM
IT
ID
IH
−Voltage
+Voltage
−I
+I
I(BO)
IDRM
VD
V(BO)
VDRM
Off−State Region


Similar Part No. - NP0640SBMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SBT3G ONSEMI-NP0640SBT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
NP0640SBT3G ONSEMI-NP0640SBT3G Datasheet
216Kb / 2P
   Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
More results

Similar Description - NP0640SBMCT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP-SAMC ONSEMI-NP-SAMC Datasheet
141Kb / 7P
   50A, Ultra Low Capacitance TSPD
May, 2009 ??Rev. P2
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com