Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU2G06 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU2G06
Description  Dual Inverter, Open Drain
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU2G06 Datasheet(HTML) 3 Page - ON Semiconductor

  NLU2G06 Datasheet HTML 1Page - ON Semiconductor NLU2G06 Datasheet HTML 2Page - ON Semiconductor NLU2G06 Datasheet HTML 3Page - ON Semiconductor NLU2G06 Datasheet HTML 4Page - ON Semiconductor NLU2G06 Datasheet HTML 5Page - ON Semiconductor NLU2G06 Datasheet HTML 6Page - ON Semiconductor NLU2G06 Datasheet HTML 7Page - ON Semiconductor NLU2G06 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLU2G06
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = -555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low-Level
Input Voltage
1.65
0.75 x
VCC
0.75 x
VCC
V
2.3 to
5.5
0.70 x
VCC
0.70 x
VCC
VIL
Low-Level
Input Voltage
1.65
0.25 x
VCC
0.25 x
VCC
0.25 x
VCC
V
2.3 to
5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
VOL
Low-Level
Output Voltage
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
ILKG
Z-State
Output
Leakage
Current
VIN = VIH, VOUT
= VCC or GND
5.5
±0.25
±2.5
±5.0
mA
IIN
Input Leakage
Current
0
v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
IOFF
Power Off
Input Leakage
Current
0
v VIN,
VOUT v 5.5 V
0
0.25
2.5
5.0
mA
ICC
Quiescent
Supply Current
0
v VIN v VCC
5.5
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = -555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPZL
Propagation Delay,
Input A to Output Y
3.0 to 3.6
RL = R1 = 50 W
CL = 15 pF
5.0
7.1
8.5
10
ns
RL = R1 = 50 W
CL = 50 pF
7.5
10.6
12
14.5
4.5 to 5.5
RL = R1 = 50 W
CL = 15 pF
3.8
5.5
6.5
8.0
RL = R1 = 50 W
CL = 50 pF
5.3
7.5
8.5
10
tPLZ
Output Disable Time
3.0 to 3.6
RL = R1 = 50 W
CL = 50 pF
7.5
10.6
12
14.5
ns
4.5 to 55
RL = R1 = 50 W
CL = 50 pF
5.3
7.5
8.5
10
CIN
Input Capacitance
4.0
10
10
10
pF
CPD
Power Dissipation
Capacitance (Note 3)
5.0
18
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no-load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU2G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLU2G06AMUTCG ONSEMI-NLU2G06AMUTCG Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLU2G06CMUTCG ONSEMI-NLU2G06CMUTCG Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLU2G06MUTCG ONSEMI-NLU2G06MUTCG Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
More results

Similar Description - NLU2G06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G06 ONSEMI-NLX2G06 Datasheet
94Kb / 8P
   Dual Inverter, Open Drain
March, 2008 - Rev. 0
logo
Renesas Technology Corp
HD74LV1GW06A RENESAS-HD74LV1GW06A Datasheet
77Kb / 6P
   Dual Inverter Open Drain
logo
Toshiba Semiconductor
TC7PA05FU TOSHIBA-TC7PA05FU_07 Datasheet
184Kb / 8P
   Dual Inverter (Open Drain)
logo
ON Semiconductor
NLU2G06 ONSEMI-NLU2G06_16 Datasheet
72Kb / 7P
   Dual Inverter, Open Drain
July, 2016 ??Rev. 4
NLX2G06 ONSEMI-NLX2G06_16 Datasheet
79Kb / 8P
   Dual Inverter, Open Drain
June, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TC7SG05FE TOSHIBA-TC7SG05FE Datasheet
249Kb / 7P
   Inverter (Open Drain)
2013-03-01
TC7SZ05F TOSHIBA-TC7SZ05F Datasheet
157Kb / 5P
   INVERTER (OPEN DRAIN)
TC7SH05FS TOSHIBA-TC7SH05FS Datasheet
177Kb / 6P
   INVERTER (Open Drain)
2014-03-01
TC7SA05F TOSHIBA-TC7SA05F Datasheet
207Kb / 8P
   Inverter (Open Drain)
TC7SZ05AFS TOSHIBA-TC7SZ05AFS Datasheet
158Kb / 6P
   INVERTER (Open Drain)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com