Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLU1G08 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLU1G08
Description  Single 2-Input AND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLU1G08 Datasheet(HTML) 3 Page - ON Semiconductor

  NLU1G08 Datasheet HTML 1Page - ON Semiconductor NLU1G08 Datasheet HTML 2Page - ON Semiconductor NLU1G08 Datasheet HTML 3Page - ON Semiconductor NLU1G08 Datasheet HTML 4Page - ON Semiconductor NLU1G08 Datasheet HTML 5Page - ON Semiconductor NLU1G08 Datasheet HTML 6Page - ON Semiconductor NLU1G08 Datasheet HTML 7Page - ON Semiconductor NLU1G08 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NLU1G08
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 25 5C
TA = +855C
TA = -555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
Low-Level
Input Voltage
1.65
0.75 x
VCC
0.75 x
VCC
V
2.3 to
5.5
0.70 x
VCC
0.70 x
VCC
VIL
Low-Level
Input Voltage
1.65
0.25 x
VCC
0.25 x
VCC
0.25 x
VCC
V
2.3 to
5.5
0.30 x
VCC
0.30 x
VCC
0.30 x
VCC
VOH
High-Level
Output Voltage
VIN = VIH or VIL
IOH = -50 mA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
1.9
2.9
4.4
1.9
2.9
4.4
V
VIN = VIH or VIL
IOH = -4 mA
IOH = -8 mA
3.0
4.5
2.58
3.94
2.48
3.80
2.34
3.66
V
VOL
Low-Level
Output Voltage
VIN = VIH or VIL
IOL = 50 mA
2.0
3.0
4.5
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
VIN = VIH or VIL
IOL = 4 mA
IOL = 8 mA
3.0
4.5
0.36
0.36
0.44
0.44
0.52
0.52
IIN
Input Leakage
Current
0
v VIN v 5.5 V
0 to
5.5
±0.1
±1.0
±1.0
mA
ICC
Quiescent
Supply Current
0
v VIN v VCC
5.5
1.0
10
40
mA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = +855C
TA = -555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Input A or B to
Output Y
3.0 to
3.6
CL = 15 pF
4.1
8.8
10.5
12.5
ns
CL = 50 pF
5.9
12.3
14
16.5
4.5 to
5.5
CL = 15 pF
3.5
5.9
7.0
9.0
CL = 50 pF
4.2
7.9
9.0
11
CIN
Input Capacitance
5.5
10
10
10
pF
CPD
Power Dissipation
Capacitance
(Note 3)
5.0
11
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no-load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.


Similar Part No. - NLU1G08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
142Kb / 7P
   Single 2-Input AND Gate
August, 2016 ??Rev. 6
NLU1G08AMUTCG ONSEMI-NLU1G08AMUTCG Datasheet
142Kb / 7P
   Single 2-Input AND Gate
August, 2016 ??Rev. 6
NLU1G08CMUTCG ONSEMI-NLU1G08CMUTCG Datasheet
142Kb / 7P
   Single 2-Input AND Gate
August, 2016 ??Rev. 6
NLU1G08MUTCG ONSEMI-NLU1G08MUTCG Datasheet
142Kb / 7P
   Single 2-Input AND Gate
August, 2016 ??Rev. 6
NLU1G08 ONSEMI-NLU1G08_16 Datasheet
142Kb / 7P
   Single 2-Input AND Gate
August, 2016 ??Rev. 6
More results

Similar Description - NLU1G08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_15 Datasheet
80Kb / 6P
   Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com