Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4373DR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLSX4373DR2G
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4373DR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLSX4373DR2G Datasheet HTML 4Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 5Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 6Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 7Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 8Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 9Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 10Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 11Page - ON Semiconductor NLSX4373DR2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NLSX4373
http://onsemi.com
8
OPEN
PULSE
GENERATOR
RT
DUT
VCC
RL
R1
CL
2xVCC
Test
Switch
tPZH, tPHZ
Open
tPZL, tPLZ
2 x VCC
CL = 15 pF or equivalent (Includes jig and probe capacitance)
RL = R1 = 50 kW or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 7. Test Circuit for Enable/Disable Time Measurement
VCC
GND
tF
tR
10%
50%
90%
10%
50%
90%
tR
tPLH
tPHL
tF
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
Figure 8. Timing Definitions for Propagation Delays and Enable/Disable Measurement
EN
Input
50%
VL
Output
Output
Output


Similar Part No. - NLSX4373DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4373DR2G ONSEMI-NLSX4373DR2G Datasheet
145Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2013 ??Rev. 6
More results

Similar Description - NLSX4373DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3373 ONSEMI-NLSX3373 Datasheet
124Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2008 ??Rev. 5
NLSX4402 ONSEMI-NLSX4402 Datasheet
110Kb / 13P
   2-Bit 20 Mb/s Dual-Supply Level Translator
June, 2015 ??Rev. 1
NLSX0102 ONSEMI-NLSX0102_18 Datasheet
100Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2018 ??Rev. 2
NLSX4402 ONSEMI-NLSX4402_17 Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
NLSX0102 ONSEMI-NLSX0102 Datasheet
141Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
October, 2011 ??Rev. 1
NLSX4302E ONSEMI-NLSX4302E Datasheet
172Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2012 ??Rev. 0
NLSX4373 ONSEMI-NLSX4373_13 Datasheet
145Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2013 ??Rev. 6
NLSX4401DFT2G ONSEMI-NLSX4401DFT2G Datasheet
110Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
September, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4401 ONSEMI-NLSX4401_18 Datasheet
109Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com