Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL7712AIDR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TL7712AIDR
Description  SUPPLY-VOLTAGE SUPERVISORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7712AIDR Datasheet(HTML) 5 Page - Texas Instruments

  TL7712AIDR Datasheet HTML 1Page - Texas Instruments TL7712AIDR Datasheet HTML 2Page - Texas Instruments TL7712AIDR Datasheet HTML 3Page - Texas Instruments TL7712AIDR Datasheet HTML 4Page - Texas Instruments TL7712AIDR Datasheet HTML 5Page - Texas Instruments TL7712AIDR Datasheet HTML 6Page - Texas Instruments TL7712AIDR Datasheet HTML 7Page - Texas Instruments TL7712AIDR Datasheet HTML 8Page - Texas Instruments TL7712AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TL7702A, TL7705A, TL7709A, TL7712A, TL7715A
SUPPLY-VOLTAGE SUPERVISORS
SLVS028I − APRIL 1983 − REVISED JULY 2009
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TL77xxAC
TL77xxAI
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output pulse duration
CT = 0.1 µF
0.65
1.2
2.6
msec
Input pulse duration at RESIN
0.4
µs
tw(S)
Pulse duration
at SENSE input to switch outputs
VIH = VIT− + 200 mV,
VIL = VIT− − 200 mV
2
µs
tpd
Propagation delay time, RESIN to RESET
VCC = 5 V
1
µs
t
Rise time
RESET
V
5V
See Note 5
0.2
s
tr
Rise time
RESET
VCC = 5 V,
See Note 5
3.5
µs
t
Fall time
RESET
V
5V
See Note 5
3.5
s
tf
Fall time
RESET
VCC = 5 V,
See Note 5
0.2
µs
All switching characteristics are measured with 0.1-
µF capacitors connected at REF and VCC to GND.
NOTE 5: The rise and fall times are measured with a 4.7-k
Ω load resistor at RESET and RESET.
PARAMETER MEASUREMENT INFORMATION
0.7 V
tpd
10%
90%
tw(S)
10%
VIT+
VIT−
VIT+
0 V
VIH
VIL
2 V
50%
50%
10%
10%
90%
10%
td
SENSE
Undefined
RESET
Voltage
Drop
tf
tr
90%
tf
td
tr
RESIN
RESET
td
90%
VOH(RESET)
VOL(RESET)
Figure 1. Voltage Waveforms


Similar Part No. - TL7712AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7712AIDR TI-TL7712AIDR Datasheet
601Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

Similar Description - TL7712AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com