Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDF08N60Z Datasheet(PDF) 4 Page - ON Semiconductor

Part # NDF08N60Z
Description  N-Channel Power MOSFET 600 V, 0.95 ?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF08N60Z Datasheet(HTML) 4 Page - ON Semiconductor

  NDF08N60Z Datasheet HTML 1Page - ON Semiconductor NDF08N60Z Datasheet HTML 2Page - ON Semiconductor NDF08N60Z Datasheet HTML 3Page - ON Semiconductor NDF08N60Z Datasheet HTML 4Page - ON Semiconductor NDF08N60Z Datasheet HTML 5Page - ON Semiconductor NDF08N60Z Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NDF08N60Z, NDP08N60Z
http://onsemi.com
4
TYPICAL CHARACTERISTICS
0.1
1
10
100
0
50 100 150 200 250 300 350 400 450 500 550 600
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 7. Drain−to−Source Leakage Current
versus Voltage
TJ = 150°C
TJ = 125°C
0
250
500
750
1000
1250
1500
1750
2000
2250
2500
2750
0.01
0.1
1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 8. Capacitance Variation
TJ = 25°C
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
0
50
100
150
200
300
350
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
4
8
12
16
20
24
28
32
36
40
Qg, TOTAL GATE CHARGE (nC)
Figure 9. Gate−to−Source Voltage and
Drain−to−Source Voltage versus Total Charge
QT
QGD
QGS
VDS = 300 V
ID = 7.5 A
TJ = 25°C
VDS
VGS
250
1
10
100
1000
1
10
100
RG, GATE RESISTANCE (W)
Figure 10. Resistive Switching Time Variation
versus Gate Resistance
VDD = 300 V
ID = 7.5 A
VGS = 10 V
td(off)
tf
tr
td(on)
0.1
1.0
10.0
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
125°C
TJ = 150°C
25°C
−55°C
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Diode Forward Voltage versus
Current


Similar Part No. - NDF08N60Z

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
NDF08N60Z ISC-NDF08N60Z Datasheet
320Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - NDF08N60Z

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCFA86561F ONSEMI-PCFA86561F Datasheet
224Kb / 7P
   MOSFET ??Power, N-Channel 60 V, 0.95 m
July, 2021 ??Rev. 1
NDF06N60ZH ONSEMI-NDF06N60ZH Datasheet
116Kb / 8P
   N-Channel Power MOSFET 600 V, 1.2 
February, 2013 ??Rev. 6
NDF03N60Z ONSEMI-NDF03N60Z Datasheet
167Kb / 10P
   N-Channel Power MOSFET 600 V, 3.3 
April, 2010 ??Rev. 3
NDF02N60ZH ONSEMI-NDF02N60ZH Datasheet
146Kb / 10P
   N-Channel Power MOSFET 600 V, 4.8 
July, 2013 ??Rev. 7
NDD01N60-1G ONSEMI-NDD01N60-1G Datasheet
136Kb / 8P
   N-Channel Power MOSFET 600 V, 8.5
January, 2013 ??Rev. 2
NDF03N60ZH ONSEMI-NDF03N60ZH Datasheet
137Kb / 10P
   N-Channel Power MOSFET 600 V, 3.6 
July, 2013 ??Rev. 7
NDF02N60Z ONSEMI-NDF02N60Z Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
   N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Tak Cheong Electronics ...
TFP730 TAK_CHEONG-TFP730 Datasheet
345Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
TFF730 TAK_CHEONG-TFF730 Datasheet
325Kb / 7P
   N-Channel Power MOSFET 5.5A, 400V, 0.95廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com