Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV2T244DMR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLSV2T244DMR2G
Description  2-Bit Dual-Supply Non-Inverting Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV2T244DMR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLSV2T244DMR2G Datasheet HTML 1Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 2Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 3Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 4Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 5Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 6Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 7Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 8Page - ON Semiconductor NLSV2T244DMR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 1
1
Publication Order Number:
NLSV2T244/D
NLSV2T244
2-Bit Dual-Supply
Non-Inverting Level
Translator
The NLSV2T244 is a 2−bit configurable dual−supply voltage level
translator. The input An and output Bn ports are designed to track two
different power supply rails, VCCA and VCCB respectively. Both
supply rails are configurable from 0.9 V to 4.5 V allowing universal
low−voltage translation from the input An to the output Bn port.
Features
Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
High−Speed w/ Balanced Propagation Delay
Inputs and Outputs have OVT Protection to 4.5 V
Non−preferential VCCA and VCCB Sequencing
Outputs at 3−State until Active VCC is Reached
Power−Off Protection
Outputs Switch to 3−State with VCCB at GND
Small Packaging: UDFN8, SO−8, Micro8
This is a Pb−Free Device
Typical Applications
Mobile Phones, PDAs, Other Portable Devices
Important Information
ESD Protection for All Pins:
HBM (Human Body Model) > 5000 V
UDFN8
MU SUFFIX
CASE 517AJ
MARKING
DIAGRAMS
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NLSV2T244MUTAG
UDFN8
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
8
UP = Specific Device Code
M
= Date Code
G
= Pb−Free Package
UPM
G
1
8
SO−8
D SUFFIX
CASE 751
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
2T244
ALYW G
G
1
8
Micro8
DM SUFFIX
CASE 846A
1
244
AYW G
G
1
8
NLSV2T244DR2G
SO−8
(Pb−Free)
2500/Tape & Reel
NLSV2T244DMR2G
Micro8
(Pb−Free)
4000/Tape & Reel
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package


Similar Part No. - NLSV2T244DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T244DMR2G ONSEMI-NLSV2T244DMR2G Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV2T244DMR2G ONSEMI-NLSV2T244DMR2G Datasheet
100Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
More results

Similar Description - NLSV2T244DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV2T244 ONSEMI-NLSV2T244_16 Datasheet
100Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
NLSV22T244 ONSEMI-NLSV22T244_12 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV22T244 ONSEMI-NLSV22T244 Datasheet
143Kb / 8P
   Dual 2-Bit Dual-Supply Non-Inverting Level Translator
June, 2009 ??Rev. 3
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV8T244 ONSEMI-NLSV8T244_12 Datasheet
150Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
February, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com