Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RY2415S Datasheet(PDF) 2 Page - Recom International Power

Part # RY2415S
Description  ECONOLINE - DC/DC - CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RY2415S Datasheet(HTML) 2 Page - Recom International Power

  RY2415S Datasheet HTML 1Page - Recom International Power RY2415S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
EC 39
August 2002
ECONOLINE - DC/DC-Converter
RX and RY Series, 1 Watt, DIP14/SIP7, Regulated (Single Output)
Package Style and Pinning (mm)
12
4
6
RY-0512S
RECOM
****
5
3.05
7.10
12.70
2.0
4.10
0.51 typ.
0.51 typ.
10.20
RY-0512S
RECOM
****
7.05
19.65
1.27
0.25
12.70
2.0
12
4 5 6
10 9
14
1
11
Bottom View
10.00
RX-0512S
RECOM
****
19.90
7.62
2.54
1.00ø+0.15/–0
2.54
2.54
1.00ø+0.15/–0
2.54
3rd angle
projection
Pin Connections
Pin #
RX
RY
1
–Vin
+Vin
2
No Pin
–Vin
4
No Pin
–Vout
5
No Pin
CTRL
6
No Pin
+Vout
9+Vout
No Pin
10
CTRL
No Pin
11
–Vout
No Pin
14
+Vin
No Pin
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
7 PIN SIP Package
8 PIN DIP Package


Similar Part No. - RY2415S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RY24 SANKEN-RY24 Datasheet
12Kb / 1P
   Avalanche Diodes
logo
List of Unclassifed Man...
RY24 ETC-RY24 Datasheet
12Kb / 1P
   Avalanche Diodes
RY240 ETC1-RY240 Datasheet
1Mb / 4P
   electric
logo
Fujitsu Component Limit...
RY24W-K FUJITSU-RY24W-K Datasheet
450Kb / 10P
   2 POLES - 1 to 2A (for signal switching)
More results

Similar Description - RY2415S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RB-XX1.8S RECOM-RB-XX1.8S Datasheet
105Kb / 2P
   ECONOLINE - DC/DC-Converter
RAA RECOM-RAA Datasheet
93Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05SR RECOM-REC22-05SR Datasheet
91Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-33DUI RECOM-REC22-33DUI Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC8-05SRWL RECOM-REC8-05SRWL Datasheet
78Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RX-05D RECOM-RX-05D Datasheet
104Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RB-1.81.8S RECOM-RB-1.81.8S Datasheet
115Kb / 4P
   ECONOLINE - DC/DC - CONVERTER
RD-0505D RECOM-RD-0505D Datasheet
106Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
RT-1.81.81.8 RECOM-RT-1.81.81.8 Datasheet
85Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC15 RECOM-REC15 Datasheet
89Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC22-05DRI RECOM-REC22-05DRI Datasheet
80Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com