Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL3844DR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TL3844DR
Description  CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL3844DR Datasheet(HTML) 2 Page - Texas Instruments

  TL3844DR Datasheet HTML 1Page - Texas Instruments TL3844DR Datasheet HTML 2Page - Texas Instruments TL3844DR Datasheet HTML 3Page - Texas Instruments TL3844DR Datasheet HTML 4Page - Texas Instruments TL3844DR Datasheet HTML 5Page - Texas Instruments TL3844DR Datasheet HTML 6Page - Texas Instruments TL3844DR Datasheet HTML 7Page - Texas Instruments TL3844DR Datasheet HTML 8Page - Texas Instruments TL3844DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038G − JANUARY 1989 − REVISED FEBRUARY 2008
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
TL3842P
TL3842P
PDIP (P)
Tube of 50
TL3843P
TL3843P
PDIP (P)
(8 pin)
Tube of 50
TL3844P
TL3844P
TL3845P
TL3845P
Tube of 75
TL3842D-8
TL3842
Reel of 2500
TL3842DR-8
TL3842
Tube of 75
TL3843D-8
TL3843
SOIC (D)
Reel of 2500
TL3843DR-8
TL3843
SOIC (D)
(8 pin)
Tube of 75
TL3844D-8
TL3844
0
°Cto70°C
Reel of 2500
TL3844DR-8
TL3844
0
°C to 70°C
Tube of 75
TL3845D-8
TL3845
Reel of 2500
TL3845DR-8
TL3845
Tube of 50
TL3842D
TL3842
Reel of 2500
TL3842DR
TL3842
Tube of 50
TL3843D
TL3843
SOIC (D)
Reel of 2500
TL3843DR
TL3843
SOIC (D)
(14 pin)
Tube of 50
TL3844D
TL3844
Reel of 2500
TL3844DR
TL3844
Tube of 50
TL3845D
TL3845
Reel of 2500
TL3845DR
TL3845
TL2842P
TL2842P
PDIP (P)
Tube of 50
TL2843P
TL2843P
PDIP (P)
(8 pin)
Tube of 50
TL2844P
TL2844P
TL2845P
TL2845P
Tube of 75
TL2842D-8
TL2842
Reel of 2500
TL2842DR-8
TL2842
Tube of 75
TL2843D-8
TL2843
SOIC (D)
Reel of 2500
TL2843DR-8
TL2843
SOIC (D)
(8 pin)
Tube of 75
TL2844D-8
TL2844
40
°Cto85°C
Reel of 2500
TL2844DR-8
TL2844
−40
°C to 85°C
Tube of 75
TL2845D-8
TL2845
Reel of 2500
TL2845DR-8
TL2845
Tube of 50
TL2842D
TL2842
Reel of 2500
TL2842DR
TL2842
Tube of 50
TL2843D
TL2843
SOIC (D)
Reel of 2500
TL2843DR
TL2843
SOIC (D)
(14 pin)
Tube of 50
TL2844D
TL2844
Reel of 2500
TL2844DR
TL2844
Tube of 50
TL2845D
TL2845
Reel of 2500
TL2845DR
TL2845
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.


Similar Part No. - TL3844DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL3844DR TI-TL3844DR Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR TI-TL3844DR Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR TI-TL3844DR Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR-8 TI-TL3844DR-8 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR-8 TI-TL3844DR-8 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL3844DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X TI-TL284X_07 Datasheet
400Kb / 18P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com