Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV86604D50R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV86604D50R2G
Description  Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV86604D50R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCV86604D50R2G Datasheet HTML 1Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 2Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 3Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 4Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 5Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 6Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 7Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 8Page - ON Semiconductor NCV86604D50R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCV8660
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage (IN)
VIN
−0.3
40
V
Input Current
IIN
−1.0
mA
Output Voltage (OUT)
DC
Transient, t < 10 s (Note 1)
VOUT
−0.3
−0.3
5.5
16
V
Output Current (OUT)
IOUT
−1.0
Current
Limited
mA
Storage Temperature Range
TSTG
−55
150
°C
DT (Reset Delay Time Select) Voltage (Note 2)
VDT
−0.3
16
V
DT (Reset Delay Time Select) Current (Note 2)
IDT
−1.0
1.0
mA
RO (Reset Output) Voltage
DC
Transient, t < 10 s
VRO
−0.3
−0.3
5.5
16
V
RO (Reset Output) Current
IRO
−1.0
1.0
mA
ESD CAPABILITY
ESD Capability, Human Body Model (Note 3)
ESDHB
−2.0
2.0
kV
ESD Capability, Machine Model (Note 3)
ESDMM
−200
200
V
ESD Capability, Charged Device Model (Note 3)
ESDCDM
−1.0
1.0
kV
THERMAL RESISTANCE
Junction−to−Case (Note 4)
DPAK 5
RqJC
15
°C/W
Junction−to−Ambient (Note 4)
DPAK 5
RqJA
66
°C/W
Junction−to−Tab (Note 4)
DPAK 5
RqJT
4.0
°C/W
Junction−to−Ambient (Note 4)
SOIC−8 FUSED
RqJA
104
°C/W
Junction−to−Lead (pin 6) (Note 4)
SOIC−8 FUSED
RqJT
33
°C/W
LEAD SOLDERING TEMPERATURE AND MSL
Moisture Sensitivity Level
DPAK 5
SOIC−8 FUSED
MSL
1
3
Lead Temperature Soldering: SMD style only, Reflow (Note 5)
Pb−Free Part 60 − 150 sec above 217°C, 40 sec max at peak
SLD
265 peak
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The output voltage must not exceed the input voltage.
2. External resistor required to minimize current to less than 1 mA when the control voltage is above 16 V.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD HBM tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD MM tested per AEC−Q100−003 (EIA/JESD22−A115)
ESD CDM tested per EIA/JESD22/C101, Field Induced Charge Model
4. Values represented typical steady−state thermal performance on 1 oz. copper FR4 PCB with 1 in2 copper area.
5. Per IPC / JEDEC J−STD−020C.
OPERATING RANGE
Pin Symbol, Parameter
Symbol
Min
Max
Unit
VIN, Input Voltage Operating Range
VIN
4.5
40
V
Junction Temperature Range
TJ
−40
150
°C


Similar Part No. - NCV86604D50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV86604BD33R2G ONSEMI-NCV86604BD33R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86604BD33R2G ONSEMI-NCV86604BD33R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV86604BD33R2G ONSEMI-NCV86604BD33R2G Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV86604BD50R2G ONSEMI-NCV86604BD50R2G Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV86604BD50R2G ONSEMI-NCV86604BD50R2G Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
More results

Similar Description - NCV86604D50R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660B ONSEMI-NCV8660B_18 Datasheet
133Kb / 14P
   Very Low Iq LD0 150 mA Regulator Delay Time Select
March, 2018 ??Rev. 5
NCV8660B ONSEMI-NCV8660B_11 Datasheet
173Kb / 14P
   Very Low Iq LD0 150 mA Regulator
August, 2011 ??Rev. 4
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8675 ONSEMI-NCV8675 Datasheet
166Kb / 15P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
December, 2007 - Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
NCV8768C ONSEMI-NCV8768C Datasheet
560Kb / 19P
   LDO Regulator - Very Low Iq, Window Watchdog, Enable and Reset 150 mA
February, 2022 ??Rev. 0
NCV8769 ONSEMI-NCV8769 Datasheet
239Kb / 14P
   Ultra Low Iq 150 mA LDO Regulator with Reset and Early Warning
June, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com