Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8851DBR2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8851DBR2G
Description  Automotive Grade Synchronous Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8851DBR2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8851DBR2G Datasheet HTML 3Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 4Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 5Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 6Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 7Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 8Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 9Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 10Page - ON Semiconductor NCV8851DBR2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NCV8851
http://onsemi.com
7
TYPICAL CHARACTERISTICS
(TA = +25°C, VIN = 13.2 V, ROSC = 51.1 kW, unless otherwise noted)
96%
97%
98%
99%
100%
101%
102%
−50
0
50
100
150
Ambient Temperature (°C)
170 kHz
360 kHz
500 kHz
20
25
30
35
40
45
50
55
60
65
70
−50
0
50
100
150
Ambient Temperature (°C)
GH to GL
GL to GH
98%
100%
102%
104%
106%
108%
−50
0
50
100
150
Ambient Temperature (°C)
99.50%
99.75%
100.00%
100.25%
100.50%
0.00
5.00
10.00
15.00
20.00
LDO Load Current (mA)
0.1
1
10
100
1000
0
5
10
15
20
LDO Load Current (mA)
UNSTABLE
UNSTABLE
(0.1uF only)
STABLE
50
60
70
80
90
100
110
120
130
−50
0
50
100
150
Ambient Temperature (°C)
93%
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Load Current (A)
Figure 12. Oscillator Frequency
vs. Temperature
Figure 13. Non−Overlap Delay vs.
Temperature
Figure 14. GH Minimum Pulse
Width vs. Temperature
Figure 15. LDO Load Regulation
Figure 16. LDO Stability Region
Figure 17. LDO Dropout Voltage vs.
Temperature
Figure 18. Efficiency vs. Load
Current 5 V, 170 kHz Demo Board


Similar Part No. - NCV8851DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851BDBR2G ONSEMI-NCV8851BDBR2G Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
More results

Similar Description - NCV8851DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8856 ONSEMI-NCV8856 Datasheet
181Kb / 19P
   Automotive Grade Synchronous Buck Controller
October, 2016 ??Rev. 0
NCV8851B ONSEMI-NCV8851B Datasheet
222Kb / 18P
   Automotive Grade Synchronous Buck Controller
June, 2010 ??Rev. 1
NCV8851-1 ONSEMI-NCV8851-1 Datasheet
182Kb / 18P
   Automotive Grade Synchronous Buck Controller
November, 2014 ??Rev. 2
NCV8852 ONSEMI-NCV8852 Datasheet
151Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2012 ??Rev. 5
NCV8852 ONSEMI-NCV8852_16 Datasheet
106Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 8
NCV8853 ONSEMI-NCV8853_16 Datasheet
103Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
October, 2016 ??Rev. 5
NCV8852 ONSEMI-NCV8852_15 Datasheet
107Kb / 13P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 7
NCV8853 ONSEMI-NCV8853 Datasheet
106Kb / 12P
   Automotive Grade Non-Synchronous Buck Controller
August, 2015 ??Rev. 4
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV8871 ONSEMI-NCV8871 Datasheet
145Kb / 12P
   Automotive Grade Non-Synchronous Boost Controller
September, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com