Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8560MN300R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8560MN300R2G
Description  High Performance Low-Power, LDO Regulator with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8560MN300R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8560MN300R2G Datasheet HTML 1Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 2Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 3Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 4Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 5Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 6Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 7Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 8Page - ON Semiconductor NCV8560MN300R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCV8560
http://onsemi.com
2
Figure 2. Pin Connections − TSOP5
Figure 3. Pin Connections − DFN6
(Top View)
1
2
3
5
4
Vin
GND
ENABLE
Vout
ADJ/NC*
PIN CONNECTIONS
1
3
Vin
ADJ/NC*
2
GND
ENABLE
4
Vout
6
(Top View)
* ADJ − Adjustable Version
* NC − Fixed Voltage Version
5 GND
GND
* ADJ − Adjustable Version
* NC − Fixed Voltage Version
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
DFN6
TSOP−5
1
4
ADJ/NC
Output Voltage Adjust Input (Adjustable Version), No Connection (Fixed Voltage Versions)
(Note 1)
2, 5, EPAD
2
GND
Power Supply Ground; Device Substrate
3
3
ENABLE
The Enable Input places the device into low−power standby when pulled to logic low
(< 0.4 V). Connect to Vin if the function is not used.
4
1
Vin
Positive Power Supply Input
6
5
Vout
Regulated Output Voltage
1. True no connect. Printed circuit board traces are allowable.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Min
Max
Unit
Input Voltage (Note 2)
Vin
−0.3
6
V
Output, Enable, Adjustable Voltage
Vout, ENABLE, ADJ
−0.3
Vin + 0.3 V
V
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature
TSTG
−65
150
°C
ESD Capability, Human Body Model (Note 3)
ESDHBM
3500
V
ESD Capability, Machine Model (Note 3)
ESDMM
400
V
Moisture Sensitivity Level
MSL
MSL1/260
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
2. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating: v150 mA per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, DFN6, 3x3.3 mm (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RqJA
107
°C/W
Thermal Characteristics, TSOP−5 (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RqJA
205
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. As measured using a copper heat spreading area of 650 mm2, 1 oz copper thickness.
OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Operating Input Voltage (Note 6)
Vin
Vout + VDO,
1.75 V (Note 7)
6
V
Adjustable Output Voltage Range (Adjustable Version Only)
Vout
1.25
5.0
V
Operating Ambient Temperature Range
TA
−40
125
°C
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
7. Minimum Vin = 1.75 V or (Vout + VDO), whichever is higher.


Similar Part No. - NCV8560MN300R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8560MN300R2G ONSEMI-NCV8560MN300R2G Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
NCV8560MN300R2G ONSEMI-NCV8560MN300R2G Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
More results

Similar Description - NCV8560MN300R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP600 ONSEMI-NCP600 Datasheet
107Kb / 13P
   High Performance Low-Power, LDO Regulator with Enable
September, 2006 ??Rev. 3
NCV8560 ONSEMI-NCV8560_17 Datasheet
139Kb / 16P
   High Performance Low-Power, LDO Regulator with Enable
February, 2017 ??Rev. 5
NCP600SN350T1G ONSEMI-NCP600SN350T1G Datasheet
171Kb / 15P
   High Performance Low-Power, LDO Regulator with Enable
January, 2013 ??Rev. 11
NCV8560 ONSEMI-NCV8560_13 Datasheet
208Kb / 15P
   High Performance Low-Power, LDO Regulator
May, 2013 ??Rev. 4
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114 Datasheet
787Kb / 28P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
   300mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5201 TSC-TS5201_07 Datasheet
328Kb / 7P
   200mA Low Noise LDO Voltage Regulator with Enable
logo
BCD Semiconductor Manuf...
AP2114 BCDSEMI-AP2114_13 Datasheet
914Kb / 33P
   1A LOW NOISE CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com