Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC05PWTG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC05PWTG4
Description  HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC05PWTG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC05PWTG4 Datasheet HTML 1Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 2Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 3Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 4Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 5Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 6Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 7Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 8Page - Texas Instruments SN74HC05PWTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SN54HC05, SN74HC05
HEX INVERTERS
WITH OPEN-DRAIN OUTPUTS
SCLS080D – MARCH 1984 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 8 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54HC05 ...J OR W PACKAGE
SN74HC05 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54HC05 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
The
’HC05
devices
contain
six
independent
inverters.
They
perform
the
Boolean
function
Y = A in positive logic. The open-drain outputs require pullup resistors to perform correctly. They may be
connected to other open-drain outputs to implement active-low wired-OR or active-high wired-AND functions.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC05N
SN74HC05N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC05D
HC05
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC05DR
HC05
–40
°C to 85°C
Reel of 250
SN74HC05DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC05NSR
HC05
SSOP – DB
Reel of 2000
SN74HC05DBR
HC05
TSSOP – PW
Reel of 2000
SN74HC05PWR
HC05
TSSOP – PW
Reel of 250
SN74HC05PWT
HC05
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC05J
SNJ54HC05J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC05W
SNJ54HC05W
LCCC – FK
Tube of 55
SNJ54HC05FK
SNJ54HC05FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC05PWTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC05PWTG4 TI1-SN74HC05PWTG4 Datasheet
1Mb / 24P
[Old version datasheet]   Hex Inverters With Open-Drain Outputs
More results

Similar Description - SN74HC05PWTG4

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com