Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC05DBRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74HC05DBRE4
Description  HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC05DBRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC05DBRE4 Datasheet HTML 1Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 2Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 3Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 4Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 5Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 6Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 7Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 8Page - Texas Instruments SN74HC05DBRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54HC05, SN74HC05
HEX INVERTERS
WITH OPEN-DRAIN OUTPUTS
SCLS080D – MARCH 1984 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50%
50%
10%
10%
90%
VCC
VOH
VOL
0 V
tf
Input
In-Phase
Output
50%
tPLH
tPHL
50%
10%
10%
90%
VOH
VOL
tf
tPHL
tPLH
Out-of-Phase
Output
LOAD CIRCUIT
Test
Point
From Output
Under Test
CL = 50 pF
(see Note A)
VCC
RL = 1 kΩ
NOTES: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
C. The outputs are measured one at a time with one input transition per measurement.
VOLTAGE WAVEFORM
INPUT RISE AND FALL TIMES
50%
50%
10%
10%
90%
90%
VCC
0 V
tr
tf
Input
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74HC05DBRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC05D TI-SN74HC05D Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
SN74HC05D TI1-SN74HC05D Datasheet
1Mb / 24P
[Old version datasheet]   Hex Inverters With Open-Drain Outputs
SN74HC05DE4 TI1-SN74HC05DE4 Datasheet
1Mb / 24P
[Old version datasheet]   Hex Inverters With Open-Drain Outputs
SN74HC05DG4 TI1-SN74HC05DG4 Datasheet
1Mb / 24P
[Old version datasheet]   Hex Inverters With Open-Drain Outputs
SN74HC05DR TI1-SN74HC05DR Datasheet
1Mb / 24P
[Old version datasheet]   Hex Inverters With Open-Drain Outputs
More results

Similar Description - SN74HC05DBRE4

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74LS05 KODENSHI-KK74LS05 Datasheet
208Kb / 4P
   Hex Inverters with Open-Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_07 Datasheet
468Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
CD74AC05M96G4 TI-CD74AC05M96G4 Datasheet
849Kb / 13P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Diodes Incorporated
74LV06A DIODES-74LV06A Datasheet
310Kb / 9P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
74LVC06A DIODES-74LVC06A Datasheet
206Kb / 10P
   HEX INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A Datasheet
96Kb / 8P
   Hex Inverters with Open Drain Outputs
logo
Texas Instruments
SN54LV05A TI-SN54LV05A_08 Datasheet
498Kb / 15P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
System Logic Semiconduc...
SL74LS05 SLS-SL74LS05 Datasheet
26Kb / 3P
   Hex Inverters with Open-Drain Outputs
logo
Hitachi Semiconductor
HD74HC05 HITACHI-HD74HC05 Datasheet
44Kb / 7P
   Hex Inverters (with Open Drain Outputs)
logo
Texas Instruments
SN54HC05 TI-SN54HC05 Datasheet
66Kb / 4P
[Old version datasheet]   HEX INVERTERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV05A RENESAS-HD74LV05A_15 Datasheet
128Kb / 10P
   Hex Inverters with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com