Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7703B Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCV7703B
Description  Triple Half-Bridge Driver with SPI Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7703B Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCV7703B Datasheet HTML 4Page - ON Semiconductor NCV7703B Datasheet HTML 5Page - ON Semiconductor NCV7703B Datasheet HTML 6Page - ON Semiconductor NCV7703B Datasheet HTML 7Page - ON Semiconductor NCV7703B Datasheet HTML 8Page - ON Semiconductor NCV7703B Datasheet HTML 9Page - ON Semiconductor NCV7703B Datasheet HTML 10Page - ON Semiconductor NCV7703B Datasheet HTML 11Page - ON Semiconductor NCV7703B Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV7703B
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
(−40°C ≤ TJ ≤ 150°C, 5.5 V ≤ VS ≤ 40 V, 3 V ≤ VCC ≤ 5.25 V, EN = VCC, unless otherwise specified)
SERIAL PERIPHERAL INTERFACE
Characteristic
Conditions
Timing Chart #
(See Figure 6)
Min
Typ
Max
Unit
SCLK Frequency
VCC = 5 V
5
MHz
SCLK Clock Period
VCC = 5 V
VCC = 3.3 V
200
500
ns
Maximum Input Capacitance (Note 8)
SI, SCLK
15
pF
SCLK High Time
1
85
ns
SCLK Low Time
2
85
ns
SCLK Setup Time
3
4
85
85
ns
SI Setup Time
11
50
ns
SI Hold Time
12
50
ns
CSB Setup Time
5
6
100
100
ns
CSB High Time (Note 9)
7
200
ns
SO enable after CSB falling edge (Note 8)
8
50
ns
SO disable after CSB rising edge (Note 8)
9
50
ns
SO Rise Time
VCC = 5 V, Cload = 40 pF
10
25
ns
SO Fall Time
VCC = 5 V, Cload = 40 pF
10
25
ns
SO Valid Time (Note 8)
SCLK ↑ to SO 50%
10
20
50
ns
8. Not tested in production.
9. Minimum high time of CSB between two successive SPI commands.


Similar Part No. - NCV7703B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
NCV7703CD2R2G ONSEMI-NCV7703CD2R2G Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
NCV7703D2G ONSEMI-NCV7703D2G Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703D2R2G ONSEMI-NCV7703D2R2G Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
More results

Similar Description - NCV7703B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7703 ONSEMI-NCV7703 Datasheet
180Kb / 16P
   Triple Half-Bridge Driver with SPI Control
September, 2008 ??Rev. 2
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
logo
ATMEL Corporation
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com