Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7703 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV7703
Description  Triple Half-Bridge Driver with SPI Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7703 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV7703 Datasheet HTML 3Page - ON Semiconductor NCV7703 Datasheet HTML 4Page - ON Semiconductor NCV7703 Datasheet HTML 5Page - ON Semiconductor NCV7703 Datasheet HTML 6Page - ON Semiconductor NCV7703 Datasheet HTML 7Page - ON Semiconductor NCV7703 Datasheet HTML 8Page - ON Semiconductor NCV7703 Datasheet HTML 9Page - ON Semiconductor NCV7703 Datasheet HTML 10Page - ON Semiconductor NCV7703 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
NCV7703
http://onsemi.com
7
ELECTRICAL CHARACTERISTICS
(−40°C ≤ TJ ≤ 150°C, 5.5 V ≤ VS ≤ 40 V, 3 V ≤ VCC ≤ 5.25 V, EN = VCC, unless otherwise specified)
Characteristic
Conditions
Min
Typ
Max
Unit
LOGIC INPUTS (EN, SI, SCLK, CSB)
Input Threshold
High
Low
30
70
%VCC
Input Hysteresis
100
350
600
mV
Input Pulldown Current (EN, SI, SCLK)
EN = SI = SCLK = VCC
5.0
25
50
mA
Input Pullup Current (CSB)
CSB = 0 V
−50
−25
−5
mA
Input Capacitance (Note 7)
10
15
pF
LOGIC OUTPUT (SO)
Output High
Iout = 1 mA
VCC – 1.0
VCC – 0.7
V
Output Low
Iout = −1.6 mA
0.2
0.4
V
Tri−state Leakage
CSB = VCC, 0 V v SO v VCC
−10
10
mA
Tri−state Input Capacitance (Note 7)
CSB = VCC
10
15
pF
TIMING SPECIFICATIONS
Overcurrent Shutdown Delay Time
Source
Sink
10
10
25
25
50
50
ms
Current Limit Fault Delay
VS > 8 V
200
ms
Under Load Detection Delay Time
200
350
600
ms
High Side Turn On Time
VS = 13.2 V, Rload = 25 W
7.5
15
ms
High Side Turn Off Time
VS = 13.2 V, Rload = 25 W
3.0
6.0
ms
Low Side Turn On Time
VS = 13.2 V, Rload = 25 W
6.5
15
ms
Low Side Turn Off Time
VS = 13.2 V, Rload = 25 W
3.0
6.0
ms
High Side Rise Time
VS = 13.2 V, Rload = 25 W
5.0
10
ms
High Side Fall Time
VS = 13.2 V, Rload = 25 W
2.0
5.0
ms
Low Side Rise Time
VS = 13.2 V, Rload = 25 W
1.0
3.0
ms
Low Side Fall Time
VS = 13.2 V, Rload = 25 W
1.0
3.0
ms
NonOverlap Time
High Side Turn Off to Low Side Turn On
1.0
ms
NonOverlap Time
Low Side Turn Off to High Side Turn On
1.0
ms
7. Not production tested.


Similar Part No. - NCV7703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703BD2G ONSEMI-NCV7703BD2G Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703BD2R2G ONSEMI-NCV7703BD2R2G Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
NCV7703CD2R2G ONSEMI-NCV7703CD2R2G Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
More results

Similar Description - NCV7703

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7703B ONSEMI-NCV7703B Datasheet
209Kb / 16P
   Triple Half-Bridge Driver with SPI Control
April, 2010 ??Rev. 0
NCV7703C ONSEMI-NCV7703C Datasheet
151Kb / 20P
   Triple Half-Bridge Driver with SPI Control
February, 2018 ??Rev. 2
logo
ATMEL Corporation
ATA6831C ATMEL-ATA6831C Datasheet
474Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831 ATMEL-ATA6831_07 Datasheet
362Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6831C ATMEL-ATA6831C_14 Datasheet
639Kb / 17P
   Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832 Datasheet
304Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832C ATMEL-ATA6832C_14 Datasheet
639Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_09 Datasheet
353Kb / 17P
   High Temperature Triple Half-bridge Driver with SPI and PWM
ATA6832 ATMEL-ATA6832_08 Datasheet
360Kb / 16P
   High Temperature Triple Half-bridge Driver with SPI and PWM
T6818 ATMEL-T6818_09 Datasheet
577Kb / 15P
   Triple Half bridge Output Driver with Serial Input Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com