Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS32DG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS32DG4
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS32DG4 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS32DG4 Datasheet HTML 1Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 2Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 3Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 4Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 5Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 6Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 7Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 8Page - Texas Instruments SN65LVDS32DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
| V
ID
|
2
2.4 *
| V
ID
|
2
Max at VCC = 3 V
Max at VCC > 3.15 V
Min
1
0.5
0
0
0.1
0.2
0.3
1.5
2
COMMON-MODE INPUT VOLTAGE RANGE
vs
DIFFERENTIAL INPUT VOLTAGE
2.5
0.4
0.5
0.6
VID - Differential Input Voltage - V
SN55LVDS32, SN65LVDS32
SN65LVDS3486, SN65LVDS9637
SLLS262Q – JULY 1997 – REVISED JULY 2007
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D (8)
725 mW
5.8 mW/
°C
464 mW
377 mW
D (16)
950 mW
7.6 mW/
°C
608 mW
494 mW
DGK
425 mW
3.4 mW/
°C
272 mW
221 mW
DGN(2)
2.14 W
17.1 mW/
°C
1.37 W
1.11 W
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
PW (16)
774 mW
6.2 mW/
°C
496 mW
402 mW
W
1000 mW
8.0 mW/
°C
640 mW
520 mW
200 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board mounted and with no air flow.
(2)
The PowerPAD™ must be soldered to a thermal land on the printed-circuit board. See the application note PowerPAD Thermally
Enhanced Package (SLMA002)
MIN NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VIH
High-level input voltage
G, G, 1,2EN, or 3,4EN
2
V
VIL
Low-level input voltage
G, G, 1,2EN, or 3,4EN
0.8
V
|VID|
Magnitude of differential input voltage
0.1
0.6
V
V
VIC
Common-mode input voltage (see Figure 1)
VCC – 0.8
SN65 prefix
–40
85
Operating free-air
TA
°C
temperature
SN55 prefix
–55
125
Figure 1. VIC Versus VID and VCC
5
Submit Documentation Feedback


Similar Part No. - SN65LVDS32DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32DG4 TI-SN65LVDS32DG4 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS32DG4 TI-SN65LVDS32DG4 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN65LVDS32DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS388 TI-SN65LVDS388 Datasheet
204Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com