Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AVC4T774RSVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AVC4T774RSVR
Description  4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AVC4T774RSVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AVC4T774RSVR Datasheet HTML 3Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 4Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 5Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 6Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 7Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 8Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 9Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 10Page - Texas Instruments SN74AVC4T774RSVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SN74AVC4T774
www.ti.com..................................................................................................................................................... SCES693B – FEBRUARY 2008 – REVISED MAY 2008
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.8
0.1
4.1
0.1
3.6
0.1
3.1
0.1
3.3
A
B
ns
tPHL
2.8
0.1
4.1
0.1
3.6
0.1
3.1
0.1
3.3
tPLH
2.6
0.4
4.3
0.1
4.1
0.1
3.8
0.1
3.7
B
A
ns
tPHL
2.6
0.4
4.3
0.1
4.1
0.1
3.8
0.1
3.7
tPZH
5
0.8
6.7
0.6
5.8
0.4
4.8
0.3
4.6
OE
A
ns
tPZL
5
0.8
6.7
0.6
5.8
0.4
4.8
0.3
4.6
tPZH
3.3
0.2
6.7
0.2
6.6
0.2
6.7
0.2
6.7
OE
B
ns
tPZL
3.3
0.2
6.7
0.2
6.6
0.2
6.7
0.2
6.7
tPHZ
3.4
0.7
4.7
0.3
5.1
0.1
4.5
0.8
5
OE
A
ns
tPLZ
3.4
0.7
4.7
0.3
5.1
0.1
4.5
0.8
5
tPHZ
2.9
0.1
5.7
0.1
5.8
0.1
5.8
0.1
5.8
OE
B
ns
tPLZ
2.9
0.1
5.7
0.1
5.8
0.1
5.8
0.1
5.8
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (see Figure 2)
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 1.2 V
FROM
TO
± 0.1 V
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
TYP
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tPLH
2.6
0.1
3.8
0.1
3.2
0.1
2.7
0.1
2.6
A
B
ns
tPHL
2.6
0.1
3.8
0.1
3.2
0.1
2.7
0.1
2.6
tPLH
2.5
0.5
3.4
0.2
3.1
0.1
2.8
0.1
2.6
B
A
ns
tPHL
2.5
0.5
3.4
0.2
3.1
0.1
2.8
0.1
2.6
tPZH
4.7
0.7
6.2
0.5
5.2
0.3
4.1
0.3
3.6
OE
A
ns
tPZL
4.7
0.7
6.2
0.5
5.2
0.3
4.1
0.3
3.6
tPZH
2.3
0.4
4.5
0.4
4.5
0.4
4.5
0.4
4.5
OE
B
ns
tPZL
2.3
0.4
4.5
0.4
4.5
0.4
4.5
0.4
4.5
tPHZ
3
0.2
4.3
0.1
4.9
0.1
4
0.7
4.3
OE
A
ns
tPLZ
3
0.2
4.3
0.1
4.9
0.1
4
0.7
4.3
tPHZ
1.9
01
4.7
0.1
4.6
0.1
4.7
0.1
4.7
OE
B
ns
tPLZ
1.9
01
4.7
0.1
4.6
0.1
4.7
0.1
4.7
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN74AVC4T774


Similar Part No. - SN74AVC4T774RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774RSVR TI-SN74AVC4T774RSVR Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774RSVR TI-SN74AVC4T774RSVR Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774RSVR TI1-SN74AVC4T774RSVR Datasheet
1Mb / 36P
[Old version datasheet]   4-Bit Dual-Supply Bus Transceiver With Configurable Voltage-Level Shifting and 3-State Outputs With Independent Direction Control Inputs
More results

Similar Description - SN74AVC4T774RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AVC4T774 TI-SN74AVC4T774_1 Datasheet
837Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_07 Datasheet
716Kb / 24P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_07 Datasheet
604Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_10 Datasheet
892Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774_2 Datasheet
826Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245-Q1 TI1-SN74AVC4T245-Q1 Datasheet
646Kb / 16P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T774 TI-SN74AVC4T774 Datasheet
842Kb / 19P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245_10 Datasheet
912Kb / 23P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245 Datasheet
383Kb / 17P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC4T245 TI-SN74AVC4T245 Datasheet
397Kb / 18P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH4T245 TI-SN74AVCH4T245_08 Datasheet
881Kb / 22P
[Old version datasheet]   4-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com