Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-2106431-3 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 2-2106431-3
Description  IDC SSL Connector
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-2106431-3 Datasheet(HTML) 4 Page - Tyco Electronics

  2-2106431-3 Datasheet HTML 1Page - Tyco Electronics 2-2106431-3 Datasheet HTML 2Page - Tyco Electronics 2-2106431-3 Datasheet HTML 3Page - Tyco Electronics 2-2106431-3 Datasheet HTML 4Page - Tyco Electronics 2-2106431-3 Datasheet HTML 5Page - Tyco Electronics 2-2106431-3 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IDC SSL Connector
IDC SSL Connector I
Tyco Electronics
producT dimenSionS cont.
Closed End
Product Dimensions
Recommended PCB Layout
Feed Thru
Closed End IDC SSL Connectors (Thru-Hole)
PART NUMBER
POSITION
WIRE SIZE
DIM “D”
COLOR
2106489-1
1
18 AWG
5.70 [.224]
YELLOW
2106489-2
2
18 AWG
9.70 [.382]
YELLOW
2106489-3
3
18 AWG
13.70 [.539]
YELLOW
2106489-4
4
18 AWG
17.70 [.697]
YELLOW
1-2106489-1
1
20 AWG
5.70 [.224]
BLUE
1-2106489-2
2
20 AWG
9.70 [.382]
BLUE
1-2106489-3
3
20 AWG
13.70 [.539]
BLUE
1-2106489-4
4
20 AWG
17.70 [.697]
BLUE
2-2106489-1
1
22 AWG
5.70 [.224]
GREEN
2-2106489-2
2
22 AWG
9.70 [.382]
GREEN
2-2106489-3
3
22 AWG
13.70 [.539]
GREEN
2-2106489-4
4
22 AWG
17.70 [.697]
GREEN
3-2106489-1
1
24 AWG
5.70 [.224]
RED
3-2106489-2
2
24 AWG
9.70 [.382]
RED
3-2106489-3
3
24 AWG
13.70 [.539]
RED
3-2106489-4
4
24 AWG
17.70 [.697]
RED
Feed Thru IDC SSL Connectors (Thru-Hole)
PART NUMBER
POSITION
WIRE SIZE
DIM “D”
COLOR
2106751-1
1
18 AWG
5.70 [.224]
YELLOW
2106751-2
2
18 AWG
9.70 [.382]
YELLOW
2106751-3
3
18 AWG
13.70 [.539]
YELLOW
2106751-4
4
18 AWG
17.70 [.697]
YELLOW
1-2106751-1
1
20 AWG
5.70 [.224]
BLUE
1-2106751-2
2
20 AWG
9.70 [.382]
BLUE
1-2106751-3
3
20 AWG
13.70 [.539]
BLUE
1-2106751-4
4
20 AWG
17.70 [.697]
BLUE
2-2106751-1
1
22 AWG
5.70 [.224]
GREEN
2-2106751-2
2
22 AWG
9.70 [.382]
GREEN
2-2106751-3
3
22 AWG
13.70 [.539]
GREEN
2-2106751-4
4
22 AWG
17.70 [.697]
GREEN
3-2106751-1
1
24 AWG
5.70 [.224]
RED
3-2106751-2
2
24 AWG
9.70 [.382]
RED
3-2106751-3
3
24 AWG
13.70 [.539]
RED
3-2106751-4
4
24 AWG
17.70 [.697]
RED


Similar Part No. - 2-2106431-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-2106431-3 TEC-2-2106431-3 Datasheet
398Kb / 4P
   REVISED PER ECR-12-003555
More results

Similar Description - 2-2106431-3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00917700X001X06 AVX-00917700X001X06 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
009176001001006 AVX-009176001001006 Datasheet
317Kb / 8P
   SSL - Discrete Wire IDC
00917900X001X06 AVX-00917900X001X06 Datasheet
348Kb / 8P
   SSL - Discrete Wire IDC
009175002701106 AVX-009175002701106 Datasheet
374Kb / 6P
   SSL - Discrete Wire IDC
009175003001006 AVX-009175003001006 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
00917500X001X06 AVX-00917500X001X06 Datasheet
368Kb / 5P
   SSL - Discrete Wire IDC
009177003033006 AVX-009177003033006 Datasheet
236Kb / 5P
   SSL - Discrete Wire IDC
logo
Tyco Electronics
2063957-1 MACOM-2063957-1 Datasheet
1Mb / 6P
   SlimSeal SSL Connector
logo
OSRAM GmbH
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
   OSLON SSL 150
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
   OSLON SSL 150
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com