Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5623DTBR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5623DTBR2G
Description  Triple Output I2C Controlled RGB LED Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623DTBR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5623DTBR2G Datasheet HTML 2Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 3Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 4Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 5Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 6Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 7Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 8Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 9Page - ON Semiconductor NCP5623DTBR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NCP5623
http://onsemi.com
10
PACKAGE DIMENSIONS
TSSOP−14
CASE 948G−01
ISSUE B
DIM MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
4.90
5.10 0.193 0.200
B
4.30
4.50 0.169 0.177
C
−−−
1.20
−−− 0.047
D
0.05
0.15 0.002 0.006
F
0.50
0.75 0.020 0.030
G
0.65 BSC
0.026 BSC
H
0.50
0.60 0.020 0.024
J
0.09
0.20 0.004 0.008
J1
0.09
0.16 0.004 0.006
K
0.19
0.30 0.007 0.012
K1
0.19
0.25 0.007 0.010
L
6.40 BSC
0.252 BSC
M
0
8
0
8
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A DOES NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH OR GATE BURRS SHALL NOT
EXCEED 0.15 (0.006) PER SIDE.
4. DIMENSION B DOES NOT INCLUDE
INTERLEAD FLASH OR PROTRUSION.
INTERLEAD FLASH OR PROTRUSION SHALL
NOT EXCEED 0.25 (0.010) PER SIDE.
5. DIMENSION K DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.08 (0.003) TOTAL
IN EXCESS OF THE K DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
7. DIMENSION A AND B ARE TO BE
DETERMINED AT DATUM PLANE −W−.
___
_
S
U
0.15 (0.006) T
2X
L/2
S
U
M
0.10 (0.004)
V S
T
L
−U−
SEATING
PLANE
0.10 (0.004)
−T−
SECTION N−N
DETAIL E
J J1
K
K1
DETAIL E
F
M
−W−
0.25 (0.010)
8
14
7
1
PIN 1
IDENT.
H
G
A
D
C
B
S
U
0.15 (0.006) T
−V−
14X
REF
K
N
N
7.06
14X
0.36
14X
1.26
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NCP5623/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NCP5623DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623BMUTBG ONSEMI-NCP5623BMUTBG Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
More results

Similar Description - NCP5623DTBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com