Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5392PMNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5392PMNR2G
Description  2/3/4-Phase Controller for CPU Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5392PMNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5392PMNR2G Datasheet HTML 7Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 8Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 9Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 10Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 11Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 12Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 13Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 14Page - ON Semiconductor NCP5392PMNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
NCP5392P
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: 0
°C < TA < 85°C; 4.75 V < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF)
Parameter
Unit
Max
Typ
Min
Test Conditions
CURRENT SENSE AMPLIFIERS
Input Bias Current (Note 3)
CSx = CSxN = 1.4 V
-
0
-
nA
Common Mode Input Voltage Range
(Note 3)
-0.3
-
2.0
V
Differential Mode Input Voltage Range
(Note 3)
-120
-
120
mV
Input Offset Voltage
CSx = CSxN = 1.1 V,
-1.0
-
1.0
mV
Current Sense Input to PWM Gain
(Note 3)
0 V < CSx - CSxN < 0.1 V,
5.7
6.0
6.3
V/V
Current Sharing Offset CS1 to CSx
All VID codes
-2.5
-
2.5
mV
IMON
VDRP to IMON Gain
1.325 V< VDRP < 1.8 V
1.98
2
2.02
V/V
VDRP to IMON -3 dB Bandwidth
CL = 30 pF to GND,
RL = 100 kW to GND
-
4
MHz
Output Referred Offset Voltage
VDRP = 1.6 V, ISOURCE = 0 mA
81
90
99
mV
Minimum Output Voltage
VDRP = 1.2 V, ISINK = 100 mA
-
-
0.11
V
Output source current (Note 3)
Vout = 1 V
300
-
-
mA
Output sink current (Note 3)
Vout = 0.3 V
300
-
-
mA
Maximum Clamp Voltage
VDRP Voltage = 2 V,
RLOAD = 100 k
-
-
1.15
V
OSCILLATOR
Switching Frequency Range (Note 3)
100
-
1000
kHz
Switching Frequency Accuracy 2- or
4-Phase
ROSC = 49.9 kW
200
-
224
kHz
ROSC = 24.9 kW
374
-
414
ROSC = 10 kW
800
-
978
Switching Frequency Accuracy
3-Phase
ROSC = 49.9 kW
191
-
234
kHz
ROSC = 24.9 kW
354
-
434
ROSC = 10 kW
755
-
1000
ROSC Output Voltage
1.95
2.01
2.065
V
MODULATORS (PWM Comparators)
Minimum Pulse Width
FSW = 800 KHz
-
30
-
ns
Propagation Delay
±20 mV of Overdrive
-
10
-
ns
0% Duty Cycle
COMP Voltage when the PWM
Outputs Remain LO
-
1.3
-
V
100% Duty Cycle
COMP Voltage when the PWM
Outputs Remain HI
-
2.3
-
V
PWM Ramp Duty Cycle Matching
Between Any Two Phases
-
90
-
%
PWM Phase Angle Error (Note 3)
Between Adjacent Phases
15
-
15
°
VR_RDY (POWER GOOD) OUTPUT
VR_RDY Output Saturation Voltage
IPGD = 10 mA,
-
-
0.4
V
VR_RDY Rise Time (Note 3)
External Pullup of 1 k
W to 1.25
V, CTOT = 45pF, DVo = 10% to
90%
-
100
150
ns
VR_RDY Output Voltage at Powerup
(Note 3)
VR_RDY Pulled up to 5 V via
2k
W, tR(VCC) 3 x tR(5V)
100
ms ≤ tR(VCC) ≤ 20 ms
-
-
1.0
V
3. Guaranteed by design, not tested in production.


Similar Part No. - NCP5392PMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392MNR2G ONSEMI-NCP5392MNR2G Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392QMNR2G ONSEMI-NCP5392QMNR2G Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results

Similar Description - NCP5392PMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com