Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5387MNR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP5387MNR2G
Description  2/3/4 Phase Controller for CPU Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5387MNR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP5387MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 10Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 11Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 12Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 13Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 14Page - ON Semiconductor NCP5387MNR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
NCP5387
http://onsemi.com
11
ELECTRICAL CHARACTERISTICS
(Unless otherwise stated: 0
°C < TA < 85°C; 4.75 V < VCC < 5.25 V; All DAC Codes; CVCC = 0.1 mF)
Parameter
Units
Max
Typ
Min
Test Conditions
Modulators (PWM Comparators)
Minimum Pulse Width (Note 3)
Fs = 800 kHz
30
40
ns
Propagation Delay (Note 3)
20
ns
Magnitude of the PWM Ramp
1.0
V
0% Duty Cycle
COMP voltage when the PWM outputs
remain LOW
1.3
V
100% Duty Cycle
COMP voltage when the PWM outputs
remain HIGH
2.3
V
PWM Linear Duty Cycle (Note 3)
90
%
PWM Phase Angle Error
−15
15
°
VR_RDY (Power Good) Output
VR_RDY Saturation Voltage
IVR_RDY = 10 mA
0.4
V
VR_RDY Rise Time
External pullup of 680 k
W to 1.25 V, CL =
45 pF,
DVo = 10% to 90%
150
ns
VR_RDY High – Output Leakage Current
VR_RDY = 5.0 V
1.0
mA
VR_RDY Upper Threshold Voltage
VCORE increasing, DAC = 1.3 V
300
mV
below
DAC
VR_RDY Lower Threshold Voltage
VCORE decreasing, DAC = 1.3 V
350
mV
below
DAC
VR_RDY Rising Delay
VCORE increasing
3
ms
VR_RDY Falling Delay
VCORE decreasing
250
ns
PWM Outputs
Output High Voltage
Sourcing 500
mA
3.0
VCC
V
Output Low Voltage
Sinking 500
mA
0.15
V
Rise Time
CL = 20 pF, DVo = 0.3 to 2.0 V
20
ns
Fall Time
CL = 20 pF, DVo = Vmax to 0.7 V
20
ns
Tri−State Output Leakage
Gx = 2.5 V, x = 1 − 4
1.5
mA
Output Impedance − Sourcing
Max Resistance to VCC
320
W
Output Impedance − Sinking
Max Resistance to GND
140
W
2/3/4 Phase Detection
Gate Pin Source Current
84
mA
Gate Pin Threshold Voltage
225
mV
Phase Detect Timer
20
ms
DRVON
Output High Voltage
Sourcing 500
mA
3.0
VCC
V
Output Low Voltage
Sinking 500
mA
0.7
mV
Rise Time
CL (PCB) = 20 pF, DVo = 10% to 90%
24
30
ns
Fall Time
CL = 20 pF, DVo = 10% to 90%
11
20
ns
Internal Pulldown Resistance
70
k
W


Similar Part No. - NCP5387MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5387MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com