Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5387 Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCP5387
Description  2/3/4 Phase Controller for CPU Applications
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5387 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCP5387 Datasheet HTML 16Page - ON Semiconductor NCP5387 Datasheet HTML 17Page - ON Semiconductor NCP5387 Datasheet HTML 18Page - ON Semiconductor NCP5387 Datasheet HTML 19Page - ON Semiconductor NCP5387 Datasheet HTML 20Page - ON Semiconductor NCP5387 Datasheet HTML 21Page - ON Semiconductor NCP5387 Datasheet HTML 22Page - ON Semiconductor NCP5387 Datasheet HTML 23Page - ON Semiconductor NCP5387 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
NCP5387
http://onsemi.com
20
Table 2: VRM10 VID Codes
VID4
400 mV
Nominal DAC
Voltage (V)
VID6
6.25 mV
VID5
12.5 mV
VID0
25 mV
VID1
50 mV
VID2
100 mV
VID3
200 mV
1
0
1
0
0
0
1
1.36250
1
0
1
0
0
0
0
1.35625
1
0
1
0
0
1
1
1.35000
1
0
1
0
0
1
0
1.34375
1
0
1
0
1
0
1
1.33750
1
0
1
0
1
0
0
1.33125
1
0
1
0
1
1
1
1.32500
1
0
1
0
1
1
0
1.31875
1
0
1
1
0
0
1
1.31250
1
0
1
1
0
0
0
1.30625
1
0
1
1
0
1
1
1.30000
1
0
1
1
0
1
0
1.29375
1
0
1
1
1
0
1
1.28750
1
0
1
1
1
0
0
1.28125
1
0
1
1
1
1
1
1.27500
1
0
1
1
1
1
0
1.26875
1
1
0
0
0
0
1
1.26250
1
1
0
0
0
0
0
1.25625
1
1
0
0
0
1
1
1.25000
1
1
0
0
0
1
0
1.24375
1
1
0
0
1
0
1
1.23750
1
1
0
0
1
0
0
1.23125
1
1
0
0
1
1
1
1.22500
1
1
0
0
1
1
0
1.21875
1
1
0
1
0
0
1
1.21250
1
1
0
1
0
0
0
1.20625
1
1
0
1
0
1
1
1.20000
1
1
0
1
0
1
0
1.19375
1
1
0
1
1
0
1
1.18750
1
1
0
1
1
0
0
1.18125
1
1
0
1
1
1
1
1.17500
1
1
0
1
1
1
0
1.16875
1
1
1
0
0
0
1
1.16250
1
1
1
0
0
0
0
1.15625
1
1
1
0
0
1
1
1.15000
1
1
1
0
0
1
0
1.14375
1
1
1
0
1
0
1
1.13750
1
1
1
0
1
0
0
1.13125
1
1
1
0
1
1
1
1.12500
1
1
1
0
1
1
0
1.11875
1
1
1
1
0
0
1
1.11250
1
1
1
1
0
0
0
1.10625
1
1
1
1
0
1
1
1.10000
1
1
1
1
0
1
0
1.09375
1
1
1
1
1
0
1
OFF
1
1
1
1
1
0
0
OFF
1
1
1
1
1
1
1
OFF


Similar Part No. - NCP5387

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5387

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393B ONSEMI-NCP5393B Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com