Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5713 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5713
Description  25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5713 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5713 Datasheet HTML 1Page - Texas Instruments TAS5713 Datasheet HTML 2Page - Texas Instruments TAS5713 Datasheet HTML 3Page - Texas Instruments TAS5713 Datasheet HTML 4Page - Texas Instruments TAS5713 Datasheet HTML 5Page - Texas Instruments TAS5713 Datasheet HTML 6Page - Texas Instruments TAS5713 Datasheet HTML 7Page - Texas Instruments TAS5713 Datasheet HTML 8Page - Texas Instruments TAS5713 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
TAS5713
www.ti.com
SLOS637 – DECEMBER 2009
25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
Check for Samples: TAS5713
1
FEATURES
2
Audio Input/Output
Benefits
25-W Into an 8-
Ω Load From a 20-V Supply
EQ: Speaker Equalization Improves Audio
Performance
Wide PVDD Range, From 8 V to 26 V
DRC: Dynamic Range Compression. Can
Supports BTL Configuration With 4-
Ω Load
Be Used As Power Limiter. Enables
Efficient Class-D Operation Eliminates
Speaker Protection, Easy Listening,
Need for Heatsinks
Night-Mode Listening
One Serial Audio Input (Two Audio
Autobank Switching: Preload Coefficients
Channels)
for Different Sample Rates. No Need to
I2C Address Selection Pin (Chip Select)
Write New Coefficients to the Part When
Single Output Filter PBTL Support
Sample Rate Changes
Supports 8-kHz to 48-kHz Sample Rate
Autodetect: Automatically Detects
(LJ/RJ/I2S)
Sample-Rate Changes. No Need for
Audio/PWM Processing
External Microprocessor Intervention
Independent Channel Volume Controls With
DESCRIPTION
Gain of 24 dB to Mute
Programmable Two-Band Dynamic-Range
The TAS5713 is a 25-W, efficient, digital-audio power
amplifier for driving stereo bridge-tied speakers. One
Control
serial data input allows processing of up to two
22 Programmable Biquads for Speaker EQ
discrete audio channels and seamless integration to
and Other Audio-Processing Features
most digital audio processors and MPEG decoders.
Programmable Coefficients for DRC Filters
The device accepts a wide range of input data and
data rates. A fully programmable data path routes
DC Blocking Filters
these channels to the internal speaker drivers.
General Features
The TAS5713 is a slave-only device receiving all
I2C Serial Control Interface Operational
clocks from external sources. The TAS5713 operates
Without MCLK
with a PWM carrier between a 384-kHz switching rate
Requires Only 3.3 V and PVDD
and a 352-KHz switching rate, depending on the input
No External Oscillator: Internal Oscillator
sample
rate.
Oversampling
combined
with
a
for Automatic Rate Detection
fourth-order noise shaper provides a flat noise floor
and excellent dynamic range from 20 Hz to 20 kHz..
Surface-Mount, 48-Pin, 7-mm × 7-mm
HTQFP Package
Thermal and Short-Circuit Protection
106-dB SNR, A-Weighted
AD and BD PWM-Mode Support
Up to 90% Efficient
A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPad is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TAS5713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713PHP TI-TAS5713PHP Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713PHPR TI-TAS5713PHPR Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713PHPR TI-TAS5713PHPR Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results

Similar Description - TAS5713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5727 TI-TAS5727_15 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5713 TI-TAS5713_10 Datasheet
1Mb / 63P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_10 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727 Datasheet
1Mb / 61P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI-TAS5715_15 Datasheet
2Mb / 74P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5727 TI1-TAS5727_14 Datasheet
1Mb / 62P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5715 TI1-TAS5715_14 Datasheet
3Mb / 75P
[Old version datasheet]   25-W DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com