Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5111PG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5111PG
Description  High Voltage, High and Low Side Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5111PG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5111PG Datasheet HTML 1Page - ON Semiconductor NCP5111PG Datasheet HTML 2Page - ON Semiconductor NCP5111PG Datasheet HTML 3Page - ON Semiconductor NCP5111PG Datasheet HTML 4Page - ON Semiconductor NCP5111PG Datasheet HTML 5Page - ON Semiconductor NCP5111PG Datasheet HTML 6Page - ON Semiconductor NCP5111PG Datasheet HTML 7Page - ON Semiconductor NCP5111PG Datasheet HTML 8Page - ON Semiconductor NCP5111PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP5111
http://onsemi.com
5
IN
DRV_HI
DRV_LO
Figure 4. Input/Output Timing Diagram
Note: DRV_HI output is in phase with the input.
Figure 5. Timing Definitions
50%
90%
50%
ton
toff
10%
DRV_HI
IN
10%
toff
90%
DRV_LO
tr
90%
Dead Time
10%
tf
ton = toff + DT
90%
tf
10%
Dead Time
ton
tr
Figure 6. Matching Propagation Delay
50%
90%
50%
toff_HI
10%
DRV_HI
IN
10%
toff_LO
90%
DRV_LO
Dead Time 1
Matching Delay 1 = toff_HI - toff_LO
Dead Time 2
Matching Delay 2 = (toff_LO + DT1) - (toff_HI + DT2)


Similar Part No. - NCP5111PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5111PG ONSEMI-NCP5111PG Datasheet
106Kb / 14P
   High Voltage, High and Low Side Driver
February, 2016 ??Rev. 6
More results

Similar Description - NCP5111PG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com