Electronic Components Datasheet Search |
|
LP2985A-18DBVTG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
LP2985A-18DBVTG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 27 page 1 FEATURES PORTABLE APPLICATIONS DBV (SOT-23) PACKAGE (TOP VIEW) 1 2 3 5 4 VIN GND ON/OFF VOUT BYPASS DESCRIPTION/ORDERING INFORMATION LP2985 www.ti.com .......................................................................................................................................................... SLVS522M – JULY 2004 – REVISED MARCH 2009 150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN • Cellular Phones • Output Tolerance of • Palmtop and Laptop Computers – 1% (A Grade) • Personal Digital Assistants (PDAs) – 1.5% (Standard Grade) • Digital Cameras and Camcorders • Ultra-Low Dropout, Typically • CD Players – 280 mV at Full Load of 150 mA • MP3 Players – 7 mV at 1 mA • Wide V IN Range: 16 V Max • Low I Q: 850 µA at Full Load at 150 mA • Shutdown Current: 0.01 µA Typ • Low Noise: 30 µV RMS With 10-nF Bypass Capacitor • Stable With Low-ESR Capacitors, Including Ceramic • Overcurrent and Thermal Protection • High Peak-Current Capability • ESD Protection Exceeds JESD 22 – 2000-V Human-Body Model (A114-A) – 200-V Machine Model (A115-A) The LP2985 family of fixed-output, low-dropout regulators offers exceptional, cost-effective performance for both portable and nonportable applications. Available in voltages of 1.8 V, 2.5 V, 2.8 V, 2.9 V, 3 V, 3.1 V, 3.3 V, 5 V, and 10 V, the family has an output tolerance of 1% for the A version (1.5% for the non-A version) and is capable of delivering 150-mA continuous load current. Standard regulator features, such as overcurrent and overtemperature protection, are included. The LP2985 has a host of features that makes the regulator an ideal candidate for a variety of portable applications: • Low dropout: A PNP pass element allows a typical dropout of 280 mV at 150-mA load current and 7 mV at 1-mA load. • Low quiescent current: The use of a vertical PNP process allows for quiescent currents that are considerably lower than those associated with traditional lateral PNP regulators. • Shutdown: A shutdown feature is available, allowing the regulator to consume only 0.01 µA when the ON/OFF pin is pulled low. • Low-ESR-capacitor friendly: The regulator is stable with low-ESR capacitors, allowing the use of small, inexpensive, ceramic capacitors in cost-sensitive applications. • Low noise: A BYPASS pin allows for low-noise operation, with a typical output noise of 30 µV RMS, with the use of a 10-nF bypass capacitor. • Small packaging: For the most space-constrained needs, the regulator is available in the SOT-23 package. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2004–2009, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - LP2985A-18DBVTG4 |
|
Similar Description - LP2985A-18DBVTG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |