Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV165APWE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LV165APWE4
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV165APWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LV165APWE4 Datasheet HTML 2Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 3Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 4Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 5Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 6Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 7Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 8Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 9Page - Texas Instruments SN74LV165APWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
SN54LV165A, SN74LV165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SCLS402L − APRIL 1998 − REVISED MAY 2010
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, VCC = 2.5 V ± 0.2 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLK high or low
8.5
9
9
ns
tw
Pulse duration
SH/LD low
11
13
13
ns
SH/LD high before CLK
7
8.5
8.5
t
Setup time
SER before CLK
8.5
9.5
9.5
ns
tsu
Setup time
CLK INH before CLK
7
7
7
ns
Data before SH/LD
11.5
12
12
SER data after CLK
−1
0
0
th
Hold time
Parallel data after SH/LD
0
0.5
0.5
ns
h
SH/LD high after CLK
0
0
0
timing requirements over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLK high or low
6
7
7
ns
tw
Pulse duration
SH/LD low
7.5
9
9
ns
SH/LD high before CLK
5
6
6
t
Setup time
SER before CLK
5
6
6
ns
tsu
Setup time
CLK INH before CLK
5
5
5
ns
Data before SH/LD
7.5
8.5
8.5
SER data after CLK
0
0
0
th
Hold time
Parallel data after SH/LD
0.5
0.5
0.5
ns
h
SH/LD high after CLK
0
0
0
timing requirements over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V
(unless otherwise noted) (see Figure 1)
TA = 25°C
SN54LV165A
SN74LV165A
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
t
Pulse duration
CLK high or low
4
4
4
ns
tw
Pulse duration
SH/LD low
5
6
6
ns
SH/LD high before CLK
4
4
4
t
Setup time
SER before CLK
4
4
4
ns
tsu
Setup time
CLK INH before CLK
3.5
3.5
3.5
ns
Data before SH/LD
5
5
5
SER data after CLK
0.5
0.5
0.5
th
Hold time
Parallel data after SH/LD
1
1
1
ns
h
SH/LD high after CLK
0.5
0.5
0.5


Similar Part No. - SN74LV165APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV165APWE4 TI-SN74LV165APWE4 Datasheet
472Kb / 17P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165APWE4 TI-SN74LV165APWE4 Datasheet
735Kb / 19P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LV165APWE4 TI-SN74LV165APWE4 Datasheet
600Kb / 20P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN74LV165APWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com